Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDPROSLWH Datasheet(PDF) 1 Page - Timeguard

Part # LEDPROSLWH
Description  Dedicated PIR Detector for LEDPRO Floodlights - White
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDPROSLWH Datasheet(HTML) 1 Page - Timeguard

  LEDPROSLWH Datasheet HTML 1Page - Timeguard LEDPROSLWH Datasheet HTML 2Page - Timeguard LEDPROSLWH Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Ingress Protection Rating
Setting Type
Approved Mounting Height (m)
Motion Detection (m)
Detection Angle
Pan & Tilt Adjustment
LEDPROSLWH
Dedicated PIR Detector for
LEDPRO Floodlights - White
Features & Benefits
Dedicated PIR for use with Timeguard LEDPRO
floodlights
2x cable entries suitable for PG11 gland (glands
not supplied)
Fits ALL Timeguard LEDPRO floodlights
Simply replaces the terminal cover and plugs in to
the LEDPRO floodlight – no extra cabling
necessary
Installer friendly captive terminal cover screws
Tilt and rotate adjustable head for accurate
reliable detection
Photocell sensor (Adjustable) and manual
override function complete with masking kit
Technical Data
230V AC
50Hz
Plug-in (LEDPRO Module)
Class I
IP55
Dial
2.5
12
180°
Pan Left 90°, Pan Right 90°. Tilt Down 150°
Data sheet
LEDPROSLWH
Light / LEDPRO Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDPROSLWH

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDPROSLB TIMEGUARD-LEDPROSLB Datasheet
3Mb / 3P
Dedicated PIR Detector for LEDPRO Floodlights - Black
14/02/2025
More results

Similar Description - LEDPROSLWH

ManufacturerPart #DatasheetDescription
logo
LSI Computer Systems
LS6501LP LSI-LS6501LP Datasheet
76Kb / 8P
PIR MOTION DETECTOR
logo
List of Unclassifed Man...
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
PIR CONTROLLER
M2006C ETC-M2006C Datasheet
197Kb / 5P
PIR Motion Detector
logo
ON Semiconductor
NCS36000DG ONSEMI-NCS36000DG Datasheet
211Kb / 8P
Passive Infrared (PIR) Detector Controller
January, 2013 ??Rev. 1
NCS36000DG ONSEMI-NCS36000DG Datasheet
189Kb / 8P
Passive Infrared (PIR) Detector Controller
January, 2013 ??Rev. 1
logo
ELMOS Semiconductor AG
E910.97 ELMOS-E910.97 Datasheet
811Kb / 9P
INTERGRATED CIRCUIT FOR PIR SMART SENSOR
logo
ON Semiconductor
NCS36000 ONSEMI-NCS36000_15 Datasheet
147Kb / 8P
Passive Infrared (PIR) Detector Controller
December, 2015 ??Rev. 3
logo
Holtek Semiconductor In...
HT7M2126 HOLTEK-HT7M2126 Datasheet
4Mb / 25P
PIR Detector Miniaturized Module
June 17, 2016
logo
List of Unclassifed Man...
HC-SR501 ETC2-HC-SR501 Datasheet
859Kb / 3P
PIR MOTION DETECTOR
logo
ELMOS Semiconductor AG
E931.98 ELMOS-E931.98 Datasheet
207Kb / 2P
PIR CONTROLLER IC FOR LOAD SWITCH
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com