Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDSL3WH Datasheet(PDF) 1 Page - Timeguard

Part # LEDSL3WH
Description  1.3W Round LED Step Light – White
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDSL3WH Datasheet(HTML) 1 Page - Timeguard

  LEDSL3WH Datasheet HTML 1Page - Timeguard LEDSL3WH Datasheet HTML 2Page - Timeguard LEDSL3WH Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Wattage
Beam Angle
Energy Efficiency
Energy Usage
Lumen Output (lm)
LEDSL3WH
1.3W Round LED Step Light
– White
Features & Benefits
Quick and easy installation, with no wall
channelling required
1.3W LED power – instantly bright like halogens
but at a fraction of the running costs
Up to 50 lumens of cool white light (colour 4000K)
Surface mount for quick and easy installation – no
back box required
Robust polycarbonate construction
Double insulated, no earth required
LED light emits downwards, ideal for illuminating
steps, passageways and corridors or for
decorative lighting
Technical Data
230V AC
50Hz
Surface Mount
Class II
-20°C to 55°C
IP65
1.3
40°
Class G
1.3kWh/1000H
50
Data sheet
LEDSL3WH
Light / LED Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDSL3WH

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDSL3DG TIMEGUARD-LEDSL3DG Datasheet
392Kb / 3P
1.3W Round LED Step Light – Dark Grey
14/02/2025
More results

Similar Description - LEDSL3WH

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM5DL5111A OPTOSUPPLY-OSM5DL5111A Datasheet
99Kb / 1P
5mm Round Warm White LED
OSW5DA3131A OPTOSUPPLY-OSW5DA3131A Datasheet
99Kb / 1P
3mm Round Pure White LED
OSW5DA4131A OPTOSUPPLY-OSW5DA4131A Datasheet
99Kb / 1P
4mm Round Pure White LED
OSW5DL3131A OPTOSUPPLY-OSW5DL3131A Datasheet
99Kb / 1P
3mm Round Pure White LED
OSM5DK3131A OPTOSUPPLY-OSM5DK3131A Datasheet
105Kb / 1P
3mm Round Warm White LED
OSM5DK5111A OPTOSUPPLY-OSM5DK5111A Datasheet
105Kb / 1P
5mm Round Warm White LED
OSW5DK3131A OPTOSUPPLY-OSW5DK3131A Datasheet
105Kb / 1P
3mm Round Pure White LED
OSW5DK4131A OPTOSUPPLY-OSW5DK4131A Datasheet
105Kb / 1P
4mm Round Pure White LED
OSMH50830GP-R5MAS1C1A-D OPTOSUPPLY-OSMH50830GP-R5MAS1C1A-D Datasheet
122Kb / 4P
White LED Ribbon Light
OSW5DK5111A-1MA OPTOSUPPLY-OSW5DK5111A-1MA Datasheet
109Kb / 1P
5mm Round Cool White LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com