Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDSL4DG Datasheet(PDF) 1 Page - Timeguard

Part # LEDSL4DG
Description  1.1W Square LED Step Light – Dark Grey
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDSL4DG Datasheet(HTML) 1 Page - Timeguard

  LEDSL4DG Datasheet HTML 1Page - Timeguard LEDSL4DG Datasheet HTML 2Page - Timeguard LEDSL4DG Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Wattage
Beam Angle
Energy Efficiency
Energy Usage
LEDSL4DG
1.1W Square LED Step Light
– Dark Grey
Features & Benefits
Quick and easy installation, with no wall
channelling required
A powerful and energy saving alternative to
standard step lights
Surface mount for quick and easy installation – no
back box required
Robust polycarbonate construction suitable for
industrial, commercial and home installations
IP65 weatherproof rating for indoor and outdoor
use
LED light emits downwards, ideal for illuminating
steps, passageways and corridors or for
decorative lighting
Technical Data
230V AC
50Hz
Surface Mount
Class II
-20°C to 55°C
IP65
1.1
45°
Class G
1.1kWh/1000H
Data sheet
LEDSL4DG
Light / LED Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDSL4DG

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDSL4WH TIMEGUARD-LEDSL4WH Datasheet
309Kb / 3P
1.1W Square LED Step Light – White
14/02/2025
More results

Similar Description - LEDSL4DG

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
162263D ADELS-162263D Datasheet
127Kb / 3P
AC 166 GSTF/310 dark grey ZEL black
12/11/2019
162463D ADELS-162463D Datasheet
127Kb / 3P
AC 166 GSTF/315 dark grey ZEL black
12/11/2019
162653D ADELS-162653D Datasheet
125Kb / 3P
AC 166 GSTF/325 dark grey ZEL white
12/11/2019
165253D ADELS-165253D Datasheet
123Kb / 2P
AC 166 GBUF/310 dark grey ZEL white
12/11/2019
165263D ADELS-165263D Datasheet
125Kb / 2P
AC 166 GBUF/310 dark grey ZEL black
12/11/2019
165453D ADELS-165453D Datasheet
123Kb / 2P
AC 166 GBUF/315 dark grey ZEL white
12/11/2019
165663D ADELS-165663D Datasheet
127Kb / 3P
AC 166 GBUF/325 dark grey ZEL black
12/11/2019
logo
Schneider Electric
XALD02H7 SCHNEIDER-XALD02H7 Datasheet
103Kb / 3P
Harmony, enclosure, dark grey lid with light grey base, 2 openings, UL/CSA certified
Aug 11, 2019
XALACS2 SCHNEIDER-XALACS2 Datasheet
111Kb / 2P
dark grey station - 2 pushbuttons 횠22 1NO 1NC
Aug 10, 2019
XALD03H7 SCHNEIDER-XALD03H7 Datasheet
110Kb / 3P
dark grey empty enclosure lid with light grey base - 3 cut-outs-UL/CSA certified
Aug 10, 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com