Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDSL4WH Datasheet(PDF) 1 Page - Timeguard

Part # LEDSL4WH
Description  1.1W Square LED Step Light – White
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDSL4WH Datasheet(HTML) 1 Page - Timeguard

  LEDSL4WH Datasheet HTML 1Page - Timeguard LEDSL4WH Datasheet HTML 2Page - Timeguard LEDSL4WH Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Wattage
Beam Angle
Energy Efficiency
Energy Usage
LEDSL4WH
1.1W Square LED Step Light
– White
Features & Benefits
Quick and easy installation, with no wall
channelling required
A powerful and energy saving alternative to
standard step lights
Surface mount for quick and easy installation – no
back box required
Robust polycarbonate construction suitable for
industrial, commercial and home installations
IP65 weatherproof rating for indoor and outdoor
use
LED light emits downwards, ideal for illuminating
steps, passageways and corridors or for
decorative lighting
Technical Data
230V AC
50Hz
Surface Mount
Class II
-20°C to 55°C
IP65
1.1
45°
Class G
1.1kWh/1000H
Data sheet
LEDSL4WH
Light / LED Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDSL4WH

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDSL4DG TIMEGUARD-LEDSL4DG Datasheet
326Kb / 3P
1.1W Square LED Step Light – Dark Grey
14/02/2025
More results

Similar Description - LEDSL4WH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8678 MAXIM-MAX8678 Datasheet
255Kb / 13P
White LED Charge Pump with 1.1W Audio Amplifier
Rev 0; 4/07
logo
List of Unclassifed Man...
EC4513 ETC2-EC4513 Datasheet
214Kb / 7P
White LED Step-Up Regulator
MR163 ETC2-MR163 Datasheet
222Kb / 12P
White LED Cup Light Controller
logo
OptoSupply Internationa...
OSMH50830GP-R5MAS1C1A-D OPTOSUPPLY-OSMH50830GP-R5MAS1C1A-D Datasheet
122Kb / 4P
White LED Ribbon Light
logo
Diodes Incorporated
AP5724 DIODES-AP5724_10 Datasheet
302Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31843 Rev. 3 - 2
logo
HTC Korea TAEJIN Techno...
LM1937 HTC-LM1937 Datasheet
181Kb / 6P
WHITE LED STEP-UP CONVERTER
logo
Unisonic Technologies
L5100 UTC-L5100_11 Datasheet
299Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3036KTR-G1 BCDSEMI-AP3036KTR-G1 Datasheet
406Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Energizer
CAPW2BODE ENERGIZER-CAPW2BODE Datasheet
82Kb / 1P
Trailfinder White LED Cap Light
logo
Schneider Electric
XB6ECV1BP SCHNEIDER-XB6ECV1BP Datasheet
124Kb / 5P
Monolithic pilot light, Harmony XB6E, square 16, IP65, white, integral LED 24VDCpolarised,connector
Sep 13, 2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com