Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDSO12B Datasheet(PDF) 1 Page - Timeguard

Part # LEDSO12B
Description  12W Slimline LED Energy Saver IP54 Oval Wall/Ceiling Light – Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDSO12B Datasheet(HTML) 1 Page - Timeguard

  LEDSO12B Datasheet HTML 1Page - Timeguard LEDSO12B Datasheet HTML 2Page - Timeguard LEDSO12B Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Wattage
Beam Angle
Energy Efficiency
Energy Usage
Lumen Output (lm)
Luminaire Efficiency
Colour Temperature (K)
LEDSO12B
12W Slimline LED Energy
Saver IP54 Oval Wall/Ceiling
Light – Black
Features & Benefits
A powerful and energy saving wall or ceiling light
The robust polycarbonate lens and housing
makes them ideal for industrial, commercial and
home installations for both indoor and outdoor
use
Great energy saving alternative to standard wall
and ceiling lights
Technical Data
230V AC
50Hz
Surface Mount
Class II
0°C to 40°C
IP54
12
120°
Class G
12kWh/1000H
850
71 lm/W
4000
Data sheet
LEDSO12B
Light / LED Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDSO12B

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDSO12WH TIMEGUARD-LEDSO12WH Datasheet
378Kb / 3P
12W Slimline LED Energy Saver IP54 Oval Wall/Ceiling Light – White
14/02/2025
More results

Similar Description - LEDSO12B

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SL100 LUMINIS-SL100 Datasheet
16Kb / 1P
Wall mount / Ceiling mount
SL102 LUMINIS-SL102 Datasheet
19Kb / 1P
Wall mount / Ceiling mount
logo
Phihong USA Inc.
PDA012A-350S-R PHIHONG-PDA012A-350S-R Datasheet
126Kb / 2P
12W Adapter Style Constant Current LED Driver Wall Plug LED Power Supply
logo
JILIN SINO-MICROELECTRO...
3DD4163D JSMC-3DD4163D Datasheet
230Kb / 5P
Energy-saving light
logo
Vitec Power
SHWA12C-SERIES Vitec-SHWA12C-SERIES Datasheet
418Kb / 2P
12W Wall Mount Power Supply for Medical Equipment
SMWA12C-SERIES Vitec-SMWA12C-SERIES Datasheet
340Kb / 2P
12W Medical Grade Wall Mount Power Supply
SHWA12C Vitec-SHWA12C Datasheet
418Kb / 2P
12W Wall Mount Power Supply for Medical Equipment
SMWA12C Vitec-SMWA12C Datasheet
340Kb / 2P
12W Medical Grade Wall Mount Power Supply
logo
Phihong USA Inc.
PSA12X-120 PHIHONG-PSA12X-120 Datasheet
130Kb / 3P
12W Wall Plug Adapter
logo
Ledil, Inc.
CP15341 LEDIL-CP15341 Datasheet
4Mb / 4P
Oval beam for wall-washing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com