Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDSO12WH Datasheet(PDF) 1 Page - Timeguard

Part # LEDSO12WH
Description  12W Slimline LED Energy Saver IP54 Oval Wall/Ceiling Light – White
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDSO12WH Datasheet(HTML) 1 Page - Timeguard

  LEDSO12WH Datasheet HTML 1Page - Timeguard LEDSO12WH Datasheet HTML 2Page - Timeguard LEDSO12WH Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Wattage
Beam Angle
Energy Efficiency
Energy Usage
Lumen Output (lm)
Luminaire Efficiency
Colour Temperature (K)
LEDSO12WH
12W Slimline LED Energy
Saver IP54 Oval Wall/Ceiling
Light – White
Features & Benefits
A powerful and energy saving wall or ceiling light
The robust polycarbonate lens and housing
makes them ideal for industrial, commercial and
home installations for both indoor and outdoor
use
Great energy saving alternative to standard wall
and ceiling lights
Technical Data
230V AC
50Hz
Surface Mount
Class II
0°C to 40°C
IP54
12
120°
Class G
12kWh/1000H
850
71 lm/W
4000
Data sheet
LEDSO12WH
Light / LED Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDSO12WH

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDSO12B TIMEGUARD-LEDSO12B Datasheet
374Kb / 3P
12W Slimline LED Energy Saver IP54 Oval Wall/Ceiling Light – Black
14/02/2025
More results

Similar Description - LEDSO12WH

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
SL100 LUMINIS-SL100 Datasheet
16Kb / 1P
Wall mount / Ceiling mount
SL102 LUMINIS-SL102 Datasheet
19Kb / 1P
Wall mount / Ceiling mount
logo
OptoSupply Internationa...
OSM5DA43A1D OPTOSUPPLY-OSM5DA43A1D Datasheet
97Kb / 1P
3.9x3.1mm Oval Warm White LED
OSM5DA5471D OPTOSUPPLY-OSM5DA5471D Datasheet
97Kb / 1P
5.0x4.1mm Oval Warm White LED
OSM5DL5J71D OPTOSUPPLY-OSM5DL5J71D Datasheet
101Kb / 1P
5.2x3.8mm Oval Warm White LED
OSM5DL43A1D OPTOSUPPLY-OSM5DL43A1D Datasheet
98Kb / 1P
3.9x3.1mm Oval Warm White LED
OSW5DA5J71D OPTOSUPPLY-OSW5DA5J71D Datasheet
101Kb / 1P
5.2x3.8mm Oval Pure White LED
OSW5DA4571D OPTOSUPPLY-OSW5DA4571D Datasheet
99Kb / 1P
4.7x5.7mm Oval Pure White LED
OSW5DK5471D OPTOSUPPLY-OSW5DK5471D Datasheet
104Kb / 1P
5.0x4.1mm Oval Pure White LED
logo
Phihong USA Inc.
PSA12X-120 PHIHONG-PSA12X-120 Datasheet
130Kb / 3P
12W Wall Plug Adapter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com