Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEDX20PIRBN Datasheet(PDF) 1 Page - Timeguard

Part # LEDX20PIRBN
Description  20W LED Wide Angle PIR Floodlight – Black
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

LEDX20PIRBN Datasheet(HTML) 1 Page - Timeguard

  LEDX20PIRBN Datasheet HTML 1Page - Timeguard LEDX20PIRBN Datasheet HTML 2Page - Timeguard LEDX20PIRBN Datasheet HTML 3Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Operating Voltage
Frequency
Installation Type
Earth Class Rating
Operating Temperature
Ingress Protection Rating
Approved Mounting Height (m)
Motion Detection (m)
Detection Angle
Wattage
Beam Angle
LEDX20PIRBN
20W LED Wide Angle PIR
Floodlight – Black
Features & Benefits
Rust resistant Floodlight
316 stainless steel bracket and screws
Marine grade aluminium heat sink
Polycarbonate body and reflector
Adjustable time setting
Adjustment lux setting
Manual override slave terminal available for
additional external lighting loads maximum 4x
connected LEDXPIRN floodlights wired in parallel
enabling any detector to turn ON all lights
Longlife – up to 30,000 hours for low maintenance
Easy quick fit bracket installation
Technical Data
230V AC
50Hz
Bracket Mounted
Class I
-10°C to 40°C
IP55
2.5
12
180°
20
110° x 100°
Data sheet
LEDX20PIRBN
Light / LED Wide Beam Lighting
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
14/02/2025


Similar Part No. - LEDX20PIRBN

ManufacturerPart #DatasheetDescription
logo
Timeguard
LEDX20PIRWHN TIMEGUARD-LEDX20PIRWHN Datasheet
462Kb / 3P
20W LED Wide Angle PIR Floodlight – White
14/02/2025
More results

Similar Description - LEDX20PIRBN

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LS31801111 SIEMENS-LS31801111 Datasheet
91Kb / 1P
T1 (3mm) WIDE ANGLE LED LAMP
logo
List of Unclassifed Man...
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
PIR CONTROLLER
M7610 ETC-M7610 Datasheet
106Kb / 3P
PIR CONTROLLER
logo
Molex Electronics Ltd.
130243-0031 MOLEX11-130243-0031 Datasheet
54Kb / 2P
Haztex Wide Area LED Work Light, 4 x 20W, 12/3 SOOW 0.91m
logo
LinkCom Manufacturing C...
20-LSP LINKCOM-20-LSP Datasheet
451Kb / 3P
20W LED Power Supply
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC Datasheet
199Kb / 4P
20W Wide Input Voltage DC/DC Converters
TP20DD TOPPOWER-TP20DD Datasheet
221Kb / 4P
20W Wide Input Voltage DC/DC Converters
logo
GAPTEC Electronic GmbH ...
20DAW4 GAPTEC-20DAW4 Datasheet
4Mb / 8P
20W - Single Output - Wide Input - Isolated & Regulated
20DAW4-3 GAPTEC-20DAW4-3 Datasheet
1Mb / 5P
20W - Single Output - Wide Input - Isolated & Regulated
20DRW4 GAPTEC-20DRW4 Datasheet
3Mb / 6P
20W - Single Output - Wide Input - Isolated & Regulated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com