Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX102480 Datasheet(PDF) 1 Page - Belden Inc.

Part # AX102480
Description  MediaFlex 1-Gang Adapter Box
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

AX102480 Datasheet(HTML) 1 Page - Belden Inc.

  AX102480 Datasheet HTML 1Page - Belden Inc. AX102480 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: MEDIAFLEX SG ADAPTER BOX
MediaFlex 1-Gang Adapter Box
Product Description
MediaFlex Surface Adapter Box, Single Gang
Technical Specifications
Product Overview
Suitable Applications:
Compatible with a variety of modules that are suitable for use with Belden IBDN Systems 10GX, 4800, 3600, 2400, 1200, Fiber and Coax.
Physical Characteristics (Overall)
Height:
4.62 m
Width:
3.14
Depth:
1.75
Front Connection:
Flush
Packaging:
Individually shrink wrapped with plastic
Connectors
Materials
Description
Material
Adapter Box Plastic - UL94V-0
Temperature Range
Installation Temperature Range:
-10 to 60°C
Storage Temperature Range:
-40 to 70°C
Operating Temperature Range:
-10 to 60°C
Mechanical Characteristics
Footprint/Type:
Mediaflex
Applicable Environmental and Other Programs
Environmental Space:
Indoor
EU Directive 2002/95/EC (RoHS): Yes
MII Order #39 (China RoHS):
EUP 50
Flammability, LS0H, Toxicity Testing
Safety Listing:
ACA, Bi-national Standard Listed
Related Part Numbers
Related Parts:
Compatible with MediaFlex Faceplates
Variants
Item #
Color
AX102481 Almond
AX102483 Black
AX102482 Electric White


Similar Part No. - AX102480

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX102410 ETC2-AX102410 Datasheet
100Kb / 3P
Faceplates and Panels - MediaFlex Keyconnect Style Insert 2-port, Flush
AX102412 ETC2-AX102412 Datasheet
100Kb / 3P
Faceplates and Panels - MediaFlex Keyconnect Style insert 2-port, Angled
AX102415 ETC2-AX102415 Datasheet
177Kb / 3P
Keystone Multimedia Modules
AX102415 ETC2-AX102415 Datasheet
174Kb / 2P
Keystone Multimedia Modules
AX102416 ETC2-AX102416 Datasheet
177Kb / 3P
Keystone Multimedia Modules
More results

Similar Description - AX102480

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
712-877 GLENAIR-712-877 Datasheet
207Kb / 2P
Composite Junction Box Adapter
logo
List of Unclassifed Man...
AX101746 ETC2-AX101746 Datasheet
98Kb / 3P
Faceplates and Panels - MediaFlex Plate, Single gang
AX101747 ETC2-AX101747 Datasheet
99Kb / 3P
Faceplates and Panels - MediaFlex Plate, Single gang
AX101759 ETC2-AX101759 Datasheet
98Kb / 3P
Modular Connectors - MediaFlex Filler Insert 1-unit
AX101870 ETC2-AX101870 Datasheet
99Kb / 3P
Faceplates and Panels - MediaFlex Plate, Double gang
AX101871 ETC2-AX101871 Datasheet
99Kb / 3P
Faceplates and Panels - MediaFlex Plate, Double gang
AX102428 ETC2-AX102428 Datasheet
103Kb / 3P
Faceplates and Panels - MediaFlex Faceplate Kit for KeyConnect Modules 4-Port, Flush, Single-gang
logo
Assmann Electronics Inc...
A-RJ45-BOX-1 ASSMANN-A-RJ45-BOX-1 Datasheet
107Kb / 1P
Waterproof Modular Adapter box
logo
Tripp Lite. All Rights ...
N080-SMB1-WH TRIPPLITE-N080-SMB1-WH Datasheet
500Kb / 2P
Single-Gang Surface-Mount Junction Box, White
logo
Molex Electronics Ltd.
1301280150 MOLEX-1301280150 Datasheet
151Kb / 1P
FD BOX, SINGLE GANG FOR WATERTITE PRODUCTS
2013/11/08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com