Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1S10PHR Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST1S10PHR
Description  3 A, 900 kHz, monolithic synchronous step-down regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S10PHR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST1S10PHR Datasheet HTML 9Page - STMicroelectronics ST1S10PHR Datasheet HTML 10Page - STMicroelectronics ST1S10PHR Datasheet HTML 11Page - STMicroelectronics ST1S10PHR Datasheet HTML 12Page - STMicroelectronics ST1S10PHR Datasheet HTML 13Page - STMicroelectronics ST1S10PHR Datasheet HTML 14Page - STMicroelectronics ST1S10PHR Datasheet HTML 15Page - STMicroelectronics ST1S10PHR Datasheet HTML 16Page - STMicroelectronics ST1S10PHR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
ST1S10
Application information
13/26
Figure 4.
Application schematic for low output voltage (VOUT < 2.5 V) and 2.5 V < VIN < 8 V
ST1S10
VIN<8V
L1
2.2µH
C1
10µF
SW
FB
VIN_SW
SYNC
EN
R1
R2
VIN_A
AGND
PGND
C3
0.1µF
C2
2x22µF
0.8V<VOUT<2.5V
ST1S10
VIN<8V
L1
2.2µH
C1
10µF
SW
FB
VIN_SW
SYNC
EN
R1
R2
VIN_A
AGND
PGND
C3
0.1µF
C2
2x22µF
0.8V<VOUT<2.5V
Figure 5.
Application schematic for low output voltage (VOUT < 2.5 V) and 8 V < VIN < 16 V
ST1S10
8V<VIN<16V
L1
2.2µH
C1
10µF
SW
FB
VIN_SW
SYNC
EN
R1
R2
VIN_A
AGND
PGND
C3
4.7µF
C2
2x22µF
0.8V<VOUT<2.5V
+
C5
100µF
Electrolytic
ESR<0.1Ohm
ST1S10
8V<VIN<16V
L1
2.2µH
C1
10µF
SW
FB
VIN_SW
SYNC
EN
R1
R2
VIN_A
AGND
PGND
C3
4.7µF
C2
2x22µF
0.8V<VOUT<2.5V
+
C5
100µF
Electrolytic
ESR<0.1Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com