Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM22LLPT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SSM22LLPT
Description  SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 Volts CURRENT 2.0 Amperes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSM22LLPT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SSM22LLPT Datasheet HTML 1Page - List of Unclassifed Manufacturers SSM22LLPT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* For surface mounted applications
* Low profile package
* Built-in strain relief
* Metal silicon junction, majority carrier conduction
* Low power loss, high efficiency
* High current capability, low forward voltage drop
* High surge capability
* For use in low voltage high frequency inverters, free
wheeling, and polarity protection applications
* High temperature soldering guaranteed :
260
oC/10 seconds at terminals
Case: JEDEC SMA molded plastic
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Weight: 0.002 ounce 0.064 gram
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
SSM22LLPT
SMA
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 20 Volts
CURRENT 2.0 Amperes
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2001-6
Maximum Average Reverse Current
at Rated DC Blocking Voltage
CHARACTERISTICS
SYMBOL
UNITS
0.27
@ TA = 25
oC
@ TA = 100
oC
0.5
10
mAmps
mAmps
Volts
Maximum Instantaneous Forward Voltage at 2.0 A DC
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
Typical Thermal Resistance (Note 1)
Storage Temperature Range
Operating Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
TJ
VF
IR
TSTG
IFSM
SSM22LLPT
SSM22LLPT
UNITS
20
Volts
Volts
Volts
Amps
14
20
2.0
50
210
20
-65 to +125
-65 to +150
Amps
pF
oC / W
oC
oC
R JL
1. Thermal Resistance ( Junction to Lead ) : PC Board Mounted on 0.2 X 0.2" ( 5 X 5mm ) copper pad area.
2. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts.
* Low VF Products
(1)
(2)
SMA
Dimensions in inches and (millimeters)
0.110(2.80)
0.094(2.40)
0.090(2.30)
0.075(1.90)
0.060(1.52)
0.030(0.76)
0.012(0.310)
0.006(0.150)
0.181(4.60)
0.165(4.20)
0.065(1.65)
0.049(1.25)
0.212(5.40)
0.189(4.80)
0.008 (0.203)
0.002 (0.051)


Similar Part No. - SSM22LLPT

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
SSM22LLPT CHENMKO-SSM22LLPT Datasheet
82Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SSM22LLPT

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM220 RECTRON-FM220 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 100 Volts CURRENT 2.0 Amperes)
SR1620CS RECTRON-SR1620CS Datasheet
25Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 16 Amperes)
SR3020C RECTRON-SR3020C Datasheet
26Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 30 Amperes)
ISR2020C RECTRON-ISR2020C Datasheet
30Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 20 Amperes)
logo
List of Unclassifed Man...
SSM22LPT ETC2-SSM22LPT Datasheet
81Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 - 40 Volts CURRENT 2.0 Amperes
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L Datasheet
292Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE 20 Volts CURRENT 2.0 Amperes
ISR1620C RECTRON-ISR1620C Datasheet
31Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 16 Amperes
SR1020 RECTRON-SR1020 Datasheet
29Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 10 Amperes
2SS20 RECTRON-2SS20 Datasheet
541Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 2.0 Amperes
MBR20200CS RECTRON-MBR20200CS Datasheet
657Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 200 Volts CURRENT 20 Amperes
2022-04/52 REV:A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com