Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QESM042 Datasheet(PDF) 2 Page - TEMEX

Part # QESM042
Description  SMD 6.0x3.5 Crystal - Ceramic SMD 2 pads packaged
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QESM042 Datasheet(HTML) 2 Page - TEMEX

  QESM042 Datasheet HTML 1Page - TEMEX QESM042 Datasheet HTML 2Page - TEMEX QESM042 Datasheet HTML 3Page - TEMEX QESM042 Datasheet HTML 4Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
QESM042
SMD 6.0x3.5 Crystal – Ceramic SMD 2 pads packaged
Specification (rev-A)
September 01
th, 2006
1
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Freque ncy
Electrical Characteristics
Electrical Parameters
Unit Minimum Typical Maximum
Test conditions
Frequency range
MHz
10
80
Frequency Tolerance (at 25°C) ± ppm
10
30
50
Refer to Ordering Information
Temperature Stability
± ppm
10
30
50
Refer to Ordering Information
Operating Temperature Range
°C
-20/+70
-40/+85
Refer to Ordering Information
Storage temperature range
°C
-40
+85
Shunt capacitance C0
pF
7.0
Load capacitance
pF
10pF ~ 30pF or series
Refer to Ordering Information
Drive level
µW
10
100
Aging (First Year)
± ppm
3
Ref at 25°C
Insulator resistance
MΩ
500
At 100VDC
Customized specification upon request
ESR vs. frequency range and Mode of vibration
Mechanical Characteristics
H
H = 1.3 mm max
Note 1 : QESM042 is fully RoHS
compliant.
Marking for QESM042
Line 1
Manuf code +Temex
code (6 digits)
Line 2
Frequency in MHz
(6digits)
Mechanical conditions
Vibration 10g, 10Hz to 2KHz
according to standard
CEI 68-2-63
Shocks
100g, 6ms according
to standard CEI 68-2-
27
Top view
Suggested pad
Frequency range
(MHz)
Mode of vibration Max ESR (Ω)
Frequency range
(MHz)
Mode of vibration Max ESR (Ω)
10.000 to 10.999
Fund. / AT
100
16.000 to 39.999
Fund. / AT
40
11.000 to 11.999
Fund. / AT
80
40.000 to 80.000
3
rd/ AT
70
12.000 to 15.999
Fund. / AT
60



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com