Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAMC641 Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TAMC641
Description  High Performance Virtex-5 AMC with FMC-Slot
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TAMC641 Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TAMC641 Datasheet HTML 1Page - TEWS Technologies GmbH TAMC641 Datasheet HTML 2Page - TEWS Technologies GmbH TAMC641 Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The Embedded I/O Company
Technical Information
 Form Factor: PICMG AMC.0 R2.0 Module
 Board size: single Mid-Size or Full-Size AMC
 AMC port 0 – 11 connected to FPGA MGTs
 on-board AC-coupling for Rx and Tx
 port speed up to 3.2Gb/sec (6.5Gb/s for FX)
 AMC port 12 – 15 & 17 connected to FPGA I/Os
 on-board AC-coupling for Rx and Tx
 port speed up to 1.0Gb/sec
 TCLKA – TCLKD support
 Virtex-5 FPGA with integrated PCIe Endpoint Block
 XC5VLX110T or XC5VLX155T
 XC5VSX95T
 XC5VFX70T or XC5VFX100T
 2 x QDR-II SRAM bank, 1M x18 (2 MB) each
 2 x DDR2 SDRAM bank, 64 M x32 (256 MB) each
 IPMI V1.5 support
 Front panel LEDs:
 Blue Hot Swap LED
 Red FAIL LED (LED1)
 Green USER / Power Good LED (LED2)
 Vita57.1 FMC Slot (high pin count)
 160 single ended I/Os or 80 differential
 x4 Multi-Gigabit Link to FMC
 VADJ = 1.2 – 3.3 Volt
 Operating temperature 0°C to +70°C
 MTBF (MIL-HDBK217F/FN2 GB 20°C)
TAMC641: 304000 h
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.0
2013-11-14
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com