Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAMC631-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TAMC631-DOC
Description  Spartan6 AMC with FMC Module Slot
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TAMC631-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TAMC631-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TAMC631-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TAMC631-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-10-12
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
TAMC631
Spartan6 AMC with FMC Module Slot
Application Information
The TAMC631 is a standard single Mid-Size or Full-Size
AMC.1 Type 1 module providing a user configurable
XC6SLX25T-2,
XC6SLX75T-2,
XC6SLX100T-2
or
XC6SLX150T-2 Spartan-6 FPGA. The Spartan-6’s PCIe
Endpoint Block is connected to AMC port 4. The
TAMC631 variants with XC6SLX75T, XC6SLX100T and
XC6SLX150T FPGA also provide connections to AMC
port 0 and 1.
For flexible front I/O solutions the TAMC631 provides a
VITA 57.1 FMC Module slot with a low-pin count
connector, allowing active and passive signal conditioning.
All FMC I/O lines are directly connected to the FPGA,
which maintains the flexibility of the SelectIO technology of
the Spartan-6 FPGA. The low-pin count interface includes
one multi-gigabit link.
The FPGA is connected to two banks of 128 Mbytes, 16
bit wide DDR3 SDRAM. The SDRAM-interface uses the
hardwired internal Memory Controller Blocks of the
Spartan-6.
The FPGA is configured by a platform flash which is
programmable via a JTAG header. The JTAG header also
supports readback and on-chip debugging of the FPGA
design (using Xilinx “ChipScope”). An SPI-EEPROM can
be used as alternative configuration source or for user
data storage. The TAMC631 is delivered with blank
configuration devices.
A programmable clock generator (5 KHz – 500 MHz)
supplies up to three different clock frequencies to the
FPGA. The clock generator settings are programmable via
JTAG and are stored in an EEPROM. In addition two
differential reference clocks are available from the FMC
slot to the FPGA.
User applications for the TAMC631 with XC6SLX25T-2
and XC6SLX75T-2 FPGA can be developed using the
design software ISE WebPACK which can be downloaded
free of charge from www.xilinx.com. The larger FPGA
densities require a full licensed ISE Design Suite.
The Engineering Documentation TAMC631-ED includes
all information needed for customer specific FPGA
programming. The FPGA Development Kit TAMC631-FDK
includes the engineering documentation, ucf-files with all
necessary pin assignments and basic timing constraints,
and a well documented VHDL example application. This
example
application
is
called
TPLD001
(Tews
Programmable Logic Design) and covers the main
functionalities of the TAMC631 like DMA capable PCIe
endpoint with interrupt support, register mapping, DDR3
memory access and basic I/O to the FMC slot. It comes as
a Xilinx ISE project with source code and as a ready-to-
download bitstream. It is the basis for fast and reliable
customer application development, and can significantly
reduce time to market.
Software support for the TPLD001 is available for all major
operating systems.
Please note: The TPLD001 requires the Embedded
Development Kit (EDK), which is part of the Embedded or
System Edition of the ISE Design Suite from Xilinx
(downloadable from www.xilinx.com, a 30 day evaluation
license is available).
In-circuit programming and debugging of the FPGA design
(e.g. using Xilinx “ChipScope”) is supported. The Program
and Debug Box TA900 allows access to the module while
it is inserted in a system. It provides access to the
module's JTAG Chain, the UART of the on-board Module
Management Controller (MMC) and to two user pins of the
Spartan-6 FPGA. If a UART core is implemented in the
FPGA, serial communication via the TA900 is possible.
The TA900 can be accessed by USB 2.0 and by a 14-pin
JTAG Header (e.g. for connecting a Xilinx Platform Cable).
For First-Time-Buyers the TA900 and the TAMC631-ED or
TAMC631-FDK is recommended.


Similar Part No. - TAMC631-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TAMC640 TEWS-TAMC640 Datasheet
277Kb / 3P
Virtex-5 AMC with FMC Slot
2013-11-13
TAMC640-10R TEWS-TAMC640-10R Datasheet
277Kb / 3P
Virtex-5 AMC with FMC Slot
2013-11-13
TAMC640-11R TEWS-TAMC640-11R Datasheet
277Kb / 3P
Virtex-5 AMC with FMC Slot
2013-11-13
TAMC640-12R TEWS-TAMC640-12R Datasheet
277Kb / 3P
Virtex-5 AMC with FMC Slot
2013-11-13
TAMC640-13R TEWS-TAMC640-13R Datasheet
277Kb / 3P
Virtex-5 AMC with FMC Slot
2013-11-13
More results

Similar Description - TAMC631-DOC

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
A-1JB AMPHENOL-A-1JB Datasheet
91Kb / 1P
AMC PCB JACK SURFACE MOUNT
logo
List of Unclassifed Man...
ATCA-3420 ETC2-ATCA-3420 Datasheet
572Kb / 2P
Dual AMC bays
logo
Glenair, Inc.
050_344 GLENAIR-050_344 Datasheet
1Mb / 16P
FMC CONNECTIVITY CARD
050-344 GLENAIR-050-344 Datasheet
1Mb / 16P
FMC CONNECTIVITY CARD
logo
PHOENIX CONTACT
1583877 PHOENIX-1583877 Datasheet
85Kb / 5P
Contact carriers - VC-AMC 4
logo
Maxim Integrated Produc...
MAX11905EVKIT MAXIM-MAX11905EVKIT Datasheet
4Mb / 29P
Peripheral Module and FMC Connector for Interface
Rev 2; 8/17
MAX11905DIFEVKIT MAXIM-MAX11905DIFEVKIT Datasheet
1Mb / 21P
Peripheral Module and FMC Connector for Interface
Rev 1; 12/16
logo
Weidmuller
2434340000 WEIDMULLER-2434340000 Datasheet
154Kb / 4P
A-series AMC 2.5
July 27, 2018
logo
Molex Electronics Ltd.
0621005700 MOLEX-0621005700 Datasheet
26Kb / 1P
AMC B Removal Tool
05/10/2021
logo
Amphenol RF.
112754 RF-112754 Datasheet
212Kb / 1P
BNC PLUG FOR 1.37MM AMC CABLE
01/07/10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com