Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAMC640-DOC Datasheet(PDF) 3 Page - TEWS Technologies GmbH

Part # TAMC640-DOC
Description  Virtex-5 AMC with FMC Slot
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TAMC640-DOC Datasheet(HTML) 3 Page - TEWS Technologies GmbH

  TAMC640-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TAMC640-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TAMC640-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The Embedded I/O Company
Order Information
RoHS Compliant
TAMC640-10R
Virtex-5 FPGA Module, Single Mid-Size, XC5VLX50T-1, 256 MB DDR3, 2 MB QDR-II, FMC Slot
TAMC640-11R
Virtex-5 FPGA Module, Single Full-Size, XC5VLX50T-1, 256 MB DDR3, 2 MB QDR-II, FMC Slot
TAMC640-12R
Virtex-5 FPGA Module, Single Mid-Size, XC5VLX85T-1, 256 MB DDR3, 2 MB QDR-II, FMC Slot
TAMC640-13R
Virtex-5 FPGA Module, Single Full-Size, XC5VLX85T-1, 256 MB DDR3, 2 MB QDR-II, FMC Slot
TAMC640-14R
Virtex-5 FPGA Module, Single Mid-Size, XC5VSX50T-1, 256 MB DDR3, 2 MB QDR-II, FMC Slot
TAMC640-15R
Virtex-5 FPGA Module, Single Full-Size, XC5VSX50T-1, 256 MB DDR3, 2 MB QDR-II, FMC Slot
Optional available on request:
•
Operating temperature -40°C to +85°C
•
Faster FPGA speed grades
•
512 MB DDR2 (2 banks 128 M x 16)
•
4 MB QDR-II (1 bank of 2 M x 18) or 8 MB QDR-II (1 bank of 4 MB x 18)
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TAMC640-DOC
User Manual
TAMC640-ED
Engineering Documentation for TAMC640, includes TAMC640-DOC, Data Sheets, Constraints Files
TAMC640-FDK
FPGA Development Kit for TAMC640, includes TPLD002 Example Design
Accessories
TA900-10R
Program and Debug Box, USB, JTAG, 20pin FPC connector, including USB A-USB B and FPC
Flexcable
Software
TDRV015-SW-25
Integrity Software Support (for the example design TPLD002 of the TAMC640-FDK)
TDRV015-SW-42
VxWorks (Legacy and VxBus-Enabled) Software Support (for the example design TPLD002 of the
TAMC640-FDK)
TDRV015-SW-65
Windows Software Support (for the example design TPLD002 of the TAMC640-FDK)
TDRV015-SW-72
LynxOS Software Support (for the example design TPLD002 of the TAMC640-FDK)
TDRV015-SW-82
Linux Software Support (for the example design TPLD002 of the TAMC640-FDK)
TDRV015-SW-95
QNX Software Support (for the example design TPLD002 of the TAMC640-FDK)
For other operating systems please contact TEWS.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.0
2013-11-13
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com