Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAMC651-DOC Datasheet(PDF) 3 Page - TEWS Technologies GmbH

Part # TAMC651-DOC
Description  Spartan-6 FPGA AMC for MTCA.4 Rear-I/O
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TAMC651-DOC Datasheet(HTML) 3 Page - TEWS Technologies GmbH

  TAMC651-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TAMC651-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TAMC651-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The Embedded I/O Company
Order Information
RoHS Compliant
TAMC651-10R
Spartan-6 FPGA Module, Double Mid-Size, MTCA.4 I/O, XC6SLX45T-2, 128 MB DDR3, 1 x SFP Port
TAMC651-11R
Spartan-6 FPGA Module, Double Full-Size, MTCA.4 I/O, XC6SLX45T-2, 128 MB DDR3, 1 x SFP Port
TAMC651-12R
Spartan-6 FPGA Module, Double Mid-Size, MTCA.4 I/O, XC6SLX100T-2, 128 MB DDR3, 1 x SFP Port
TAMC651-13R
Spartan-6 FPGA Module, Double Full-Size, MTCA.4 I/O, XC6SLX100T-2, 128 MB DDR3, 1 x SFP Port
Optional available on request:
•
Faster FPGA speed grades
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TAMC651-DOC
User Manual
TAMC651-ED
Engineering Documentation for TAMC651, includes TAMC651-DOC, Data Sheets, Constraints Files
TAMC651-FDK
FPGA Development Kit for TAMC651, includes TPLD004 Example Design
Accessories
TA900-10R
Program and Debug Box, USB, JTAG, 20pin FPC connector, including USB A-USB B and FPC
Flexcable
Software
TDRV015-SW-25 Integrity Software Support (for the example design TPLD004 of the TAMC651-FDK)
TDRV015-SW-42 VxWorks (Legacy and VxBus-Enabled) Software Support (for the example design TPLD004 of the
TAMC651-FDK)
TDRV015-SW-65 Windows Software Support (for the example design TPLD004 of the TAMC651-FDK)
TDRV015-SW-82 Linux Software Support (for the example design TPLD004 of the TAMC651-FDK)
TDRV015-SW-95 QNX Software Support (for the example design TPLD004 of the TAMC651-FDK)
For other operating systems please contact TEWS.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.2
2017-08-17
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com