Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAMC900 Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TAMC900
Description  AMC with 8 high Speed ADCs 105 MSps, 14 Bit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TAMC900 Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TAMC900 Datasheet HTML 1Page - TEWS Technologies GmbH TAMC900 Datasheet HTML 2Page - TEWS Technologies GmbH TAMC900 Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The Embedded I/O Company
Figure 3: Block Diagram TAMC900-10R
Figure 4: Block Diagram TAMC900-25R
Technical Information
 Form Factor: PCIMG AMC.0
 Board size: 180.6 mm x 73.5 mm
 Single width / Mid-Size
 Fabric Interface:
 TAMC900-10R: Port 4-11
 TAMC900-25R: Port 0-1 & 4-9
 Virtex-5 FPGA
 TAMC900-10R: LX30T
 TAMC900-25R: SX35T
 4 MByte QDR-II SRAM
 IPMI Support
 Front Panel LEDs:
 Blue Hot-Swap LED
 Red FAIL LED (LED1)
 Green User LED (LED 2)
 Analog-to-Digital Converter:
 8 x LTC2254 ADCs
 105 MSps
 14 bit
 3 external clock inputs
 3 external trigger inputs
 Signal Conditioning Adapter for flexible adoption to
customer analog input requirements
 Operating temperature: 0°C to +55°C
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 2.0.1
2017-09-14
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com