Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAMC641-DOC Datasheet(PDF) 3 Page - TEWS Technologies GmbH

Part # TAMC641-DOC
Description  High Performance Virtex-5 AMC with FMC-Slot
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TAMC641-DOC Datasheet(HTML) 3 Page - TEWS Technologies GmbH

  TAMC641-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TAMC641-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TAMC641-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The Embedded I/O Company
Order Information
RoHS Compliant
TAMC641-10R
Virtex-5 FPGA Module, Single Mid-Size, XC5VLX110T-1, 512 MB DDR3, 4 MB QDR-II, FMC Slot
TAMC641-11R
Virtex-5 FPGA Module, Single Full-Size, XC5VLX110T-1, 512 MB DDR3, 4 MB QDR-II, FMC Slot
TAMC641-12R
Virtex-5 FPGA Module, Single Mid-Size, XC5VLX155T-1, 512 MB DDR3, 4 MB QDR-II, FMC Slot
TAMC641-13R
Virtex-5 FPGA Module, Single Full-Size, XC5VLX155T-1, 512 MB DDR3, 4 MB QDR-II, FMC Slot
TAMC641-14R
Virtex-5 FPGA Module, Single Mid-Size, XC5VSX95T-1, 512 MB DDR3, 4 MB QDR-II, FMC Slot
TAMC641-15R
Virtex-5 FPGA Module, Single Full-Size, XC5VSX95T-1, 512 MB DDR3, 4 MB QDR-II, FMC Slot
TAMC641-16R
Virtex-5 FPGA Module, Single Mid-Size, XC5VFX70T-1, 512 MB DDR3, 4 MB QDR-II, FMC Slot
TAMC641-17R
Virtex-5 FPGA Module, Single Full-Size, XC5VFX70T-1, 512 MB DDR3, 4 MB QDR-II, FMC Slot
TAMC641-18R
Virtex-5 FPGA Module, Single Mid-Size, XC5VFX100T-1, 512 MB DDR3, 4 MB QDR-II, FMC Slot
TAMC641-19R
Virtex-5 FPGA Module, Single Full-Size, XC5VFX100T-1, 512 MB DDR3, 4 MB QDR-II, FMC Slot
Optional available on request:
•
Operating temperature -40°C to +85°C
•
Faster FPGA speed grades
•
1 GB DDR2 (2 banks 128 M x 32)
•
8 MB QDR-II (2 banks of 2 M x 18) or 16 MB QDR-II (2 banks of 4 M x 18)
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TAMC641-DOC
User Manual
TAMC641-ED
Engineering Documentation includes TAMC641-DOC, Data Sheets, Constraints Files
TAMC641-FDK
FPGA Development Kit for TAMC641, includes TPLD003 Example Design
Accessories
TA900-10R
Program and Debug Box, USB, JTAG, 20pin FPC connector, including USB A-USB B and FPC
Flexcable
Software
TDRV015-SW-25 Integrity Software Support (for basic example design TPLD003 of the TAMC641-FDK)
TDRV015-SW-42 VxWorks Software Support (for basic example design TPLD003 of the TAMC641-FDK, Legacy and
VxBus-Enabled Software Support)
TDRV015-SW-65 Windows Software Support (for basic example design TPLD003 of the TAMC641-FDK)
TDRV015-SW-72 LynxOS Software Support (for basic example design TPLD003 of the TAMC641-FDK)
TDRV015-SW-82 Linux Software Support (for basic example design TPLD003 of the TAMC641-FDK)
TDRV015-SW-95 QNX Software Support (for basic example design TPLD003 of the TAMC641-FDK)
For other operating systems please contact TEWS.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.0
2013-11-14
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com