Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCP002-TM-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TCP002-TM-DOC
Description  Transition Module for 6U cPCI IP Carrier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TCP002-TM-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TCP002-TM-DOC Datasheet HTML 1Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
The Embedded I/O Company
TCP002-TM
Transition Module for 6U cPCI IP Carrier
Application Information
The TCP002-TM is a 6U Transition Module to be used
with 6U cPCI IP carrier, providing easy access to the IP
I/O lines of cPCI IP carrier with back I/O.
It distributes all 200 IP I/O lines from the cPCI RJ4 and
RJ5 connector to four 50 pin SCSI-2 type connectors
located in the EMI front panel.
The routing between the cPCI RJ4 and RJ5 connector and
the four SCSI-2 type connectors in the EMI front panel is
PCIMG 2.4 R1.0 compliant.
The operating temperature range is -40°C to +85°C.
Technical Information
 Form Factor: cPCI 6U Rear Transition Module
(233mm x 80mm)
 I/O Routing:
 PICMG 2.4 R1.0 compliant I/O mapping (RJ4 and
RJ5)
 I/O lines are accessible via four HD50 SCSI-2
type connectors
 EMI front panel
 Operating temperature: -40°C to +85°C
Order Information
RoHS Compliant
TCP002-TM-10R
6U Transition Module for IndustryPack Carrier, HD50 connectors
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TCP002-TM-DOC
User Manual
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-09-20
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TCP002-TM-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TCP002-TM TEWS-TCP002-TM Datasheet
217Kb / 2P
CompactPCI Carrier for 4 IndustryPacks
2017-08-17
More results

Similar Description - TCP002-TM-DOC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-3960 ADVANTECH-MIC-3960 Datasheet
126Kb / 1P
6U CompactPCI짰 Media Carrier Board
RIO-3309 ADVANTECH-RIO-3309 Datasheet
567Kb / 2P
6U CompactPCI짰 Rear Transition Boards
RIO-3311 ADVANTECH-RIO-3311 Datasheet
388Kb / 2P
6U CompactPCI짰 Rear Transition Board for MIC-3393
RIO-3392MIL ADVANTECH-RIO-3392MIL Datasheet
641Kb / 1P
6U CompactPCI짰 Rear Transition Board for MIC-3392MIL
RIO-3392MIL ADVANTECH-RIO-3392MIL_14 Datasheet
887Kb / 1P
6U CompactPCI짰 Rear Transition Board for MIC-3392MIL
MIC-6110 ADVANTECH-MIC-6110 Datasheet
513Kb / 2P
6U OpenVPX MXM carrier
17-Jun-2019
RIO-3315 ADVANTECH-RIO-3315 Datasheet
460Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3395
19-Oct-2017
RIO-3316 ADVANTECH-RIO-3316 Datasheet
513Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3396
26-Feb-2019
RIO-3317 ADVANTECH-RIO-3317 Datasheet
497Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3397
24-Dec-2015
RIO-3396MIL ADVANTECH-RIO-3396MIL Datasheet
692Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3396MIL
9-Apr-2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com