Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMXW320 Datasheet(PDF) 2 Page - TEMEX

Part # TMXW320
Description  SAW Bandpass Filter - CDMA Rx - RF
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

TMXW320 Datasheet(HTML) 2 Page - TEMEX

  TMXW320 Datasheet HTML 1Page - TEMEX TMXW320 Datasheet HTML 2Page - TEMEX TMXW320 Datasheet HTML 3Page - TEMEX TMXW320 Datasheet HTML 4Page - TEMEX TMXW320 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TMX W320
SAW Bandpass Filter – CDMA Rx - RF
Specification (Rev.2)- RF
Specification (Rev 2)
May 05
th, 2006
1
Features
q
Rx SAW Filter for CDMA
q
881.5 MHz Center Frequency
q
25 MHz useable Passband
q
50 Ohms Single Configuration
q
Ceramic package for Surface Mounted Technology
Package Drawing & Pin out
The product is in conformance with the European RoHs Regulation 2002/95.
Pin Configuration
Input
B
Output
E
Case ground
A, C, D, F



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com