Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCP212-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TCP212-DOC
Description  CompactPCI Carrier for 2 IndustryPacks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TCP212-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TCP212-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TCP212-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
09/2009
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
TCP212 CompactPCI Carrier for 2 IndustryPacks
®
Application Information
The TCP212 is a standard 3U CompactPCI carrier that
provides front I/O for up to two single-size or one double-
size IndustryPack (IP) modules used to build modular,
flexible and cost effective I/O solutions for applications in
process control, medical systems, telecommunication and
traffic control.
For
improved
EMI
protection,
two
50
pin
champ
connectors are mounted in the EMI front panel of the
TCP212 and provide access to all IP I/O lines. The champ
connectors are assembled with screw locks to achieve a
secure and reliable connection to the cable. Status
indicators for IP access, +5V and +/-12V are provided in
the front panel.
The TCP212 can operate with 3.3V and 5.0V PCI I/O
signaling voltage.
All IP interrupt request lines are mapped to PCI INTA. For
fast interrupt source detection, the TCP212 provides a
special IP interrupt status register.
The IP power lines are fuse protected by self healing fuses
and RF filtered. The operating temperature range is -40°C
to +85°C.
The TCP212 complies with the PICMG 2.0 Revision 3.0
CompactPCI specification.
For First-Time-Buyers the Engineering Documentation
TCP212-ED
is
recommended.
The
Engineering
Documentation includes TCP212-DOC, schematics and
data sheets of the TCP212.
Technical Information
Standard 3U 32 bit CompactPCI module conforming
to PICMG 2.0 Rev 3.0
PCI 2.2 compliant interface
Board size: 160mm x 100mm
PCI Interface: 33 MHz; 32 bit
5V and 3.3V PCI I/O signaling voltage
ANSI/VITA 4-1995 compliant interface to
IndustryPack modules
IndustryPack slots: Two single-size or one
double-size
8/32 MHz interface, no DMA
8 MByte memory space per IP
Routing of all IP Interrupts to PCI INTA, local
interrupt status register
I/O access: 50 pin Champ connector per IP, front
panel I/O
Status LED’s
ACK LED for each IP module
+5V Power LED for each IP slot
+12V and –12V Power LED
Self Healing fuses and RF-filtering on all IP power
lines
Operating temperature -40°C to +85°C


Similar Part No. - TCP212-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TCP211 TEWS-TCP211 Datasheet
222Kb / 2P
CompactPCI Carrier for 2 IndustryPacks
2017-08-17
TCP211-10R TEWS-TCP211-10R Datasheet
222Kb / 2P
CompactPCI Carrier for 2 IndustryPacks
2017-08-17
TCP211-DOC TEWS-TCP211-DOC Datasheet
222Kb / 2P
CompactPCI Carrier for 2 IndustryPacks
2017-08-17
TCP213 TEWS-TCP213 Datasheet
243Kb / 2P
CompactPCI Carrier for 2 IndustryPacks®
2017-08-17
TCP213-10R TEWS-TCP213-10R Datasheet
243Kb / 2P
CompactPCI Carrier for 2 IndustryPacks®
2017-08-17
More results

Similar Description - TCP212-DOC

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
CPH38W23MARASK9X CONEC-CPH38W23MARASK9X Datasheet
70Kb / 1P
CompactPCI
logo
List of Unclassifed Man...
CPCIS-2642 ETC2-CPCIS-2642 Datasheet
346Kb / 1P
3U CompactPCI Subsystem with 13-slot Backplane, 2 1 CompactPCI Redundant Power Modules
CPCIS-6130R ETC2-CPCIS-6130R Datasheet
220Kb / 1P
2-slot CompactPCI Rackmount Chassis
CB-96-G1 ETC2-CB-96-G1 Datasheet
752Kb / 5P
Carrier Board for
logo
Adlink Technology Inc.
CPCI-3511 ADLINK-CPCI-3511 Datasheet
842Kb / 2P
3U CompactPCI
CPCIS-6130R ADLINK-CPCIS-6130R Datasheet
193Kb / 2P
2-slot CompactPCI Rackmount Chassis
logo
Advantech Co., Ltd.
MIC-3810 ADVANTECH-MIC-3810 Datasheet
518Kb / 1P
3U CompactPCI® Serial PCIe Carrier Board
13-Dec-2021
MIC-3811 ADVANTECH-MIC-3811 Datasheet
545Kb / 2P
3U CompactPCI® Serial Dual Mini PCIe Carrier Board
13-Dec-2021
MIC-3820 ADVANTECH-MIC-3820 Datasheet
349Kb / 1P
3U CompactPCI® Serial SATA Carrier Board
15-Jul-2022
MIC-3954 ADVANTECH-MIC-3954 Datasheet
859Kb / 2P
3U CompactPCI® Quad Mini PCIe & M.2 Carrier Board
3-Feb-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com