Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCP213-DOC Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TCP213-DOC
Description  CompactPCI Carrier for 2 IndustryPacks®
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TCP213-DOC Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TCP213-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TCP213-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Embedded I/O Company
Order Information
RoHS Compliant
TCP213-10R
3U 2 Slot IndustryPack Carrier, rear I/O on J2
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TCP213-DOC
User Manual
Software
CARRIER-SW-42 VxWorks IP Carrier Software Support (Legacy and VxBus-enabled Software Support)
CARRIER-SW-65 Windows IP Carrier Software Support
CARRIER-SW-82 Linux IP Carrier Software Support
CARRIER-SW-95 QNX IP Carrier Software Support
For other operating systems please contact TEWS.
Related Products
TCP010-TM
3U Transition Module for IndustryPack Carrier, 50pin ribbon cable connectors (rack internal)
TCP011-TM
3U Transition Module for IndustryPack Carrier, 50pin ribbon cable connectors (stacked version)
TCP001-FP
6U Front Panel Extension for 3U cPCI Boards
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-17
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com