Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCP261 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TCP261
Description  Dual PMC Carrier for 6U CompactPCI (J3/J4 I/O)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TCP261 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TCP261 Datasheet HTML 1Page - TEWS Technologies GmbH TCP261 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TCP261
Dual PMC Carrier for 6U CompactPCI (J3/J4 I/O)
Application Information
The TCP261 is a standard 6U CompactPCI carrier that
provides front I/O and rear I/O for up to two single width
PMC modules.
32 bit and 64 bit PCI accesses are supported on PCI bus
with PCI frequency 33 MHz and also 66 MHz. The
transparent
PCI-to-PCI
bridge
provides
the
real
connection between primary CompactPCI bus and the two
secondary PMC slots. The bridge controls all PCI
accesses, data bus width and in each case the frequency
for a PMC access to one of the connected modules.
The TCP261 supports standard PMC front I/O and for both
PMC slots CompactPCI rear I/O. The PMC slot 2 is
connected directly to the CompactPCI connector J4 and
J3. The PMC slot 1 is connected directly to the
CompactPCI connector J3.
Capability of hot swapping is realized by a hot swap
controller for the TCP261. The hot swap controller and the
PCI-to-PCI Bridge are controlling the installation and
reinstallation process of the TCP261 without power down
the system.
The TCP261 carrier complies with the PICMG 2.0
Revision 3.0 CompactPCI specification.
Technical Information
 Standard 6U 32/64 bit CompactPCI module
conforming to PICMG 2.0 R3.0
 PCI 2.2 compliant interface
 Two PMC sites conforming to PMC standard
 Board size: 160 mm x 233.35 mm
 Front panel I/O
 CompactPCI rear I/O : Connector J3 and J4
conforming to PICMG 2.3 R1.0
 PCI Interface : 33/66 MHz; 32/64 bit
 PCI-to-PCI bridge Pericom PI7C8154
 CompactPCI hot swap conforming to PICMG 2.1 R2.0
 5V and 3.3V signaling
 Operating temperature 0°C to +70°C(TCP261-10R/
-11R) and -40°C to +85°C (TCP261-10R-ET/-11R-ET)
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-24
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TCP261

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TCP260 TEWS-TCP260 Datasheet
163Kb / 2P
Dual PMC Carrier for 6U CompactPCI (J3/J5 I/O)
2017-08-17
TCP260-10R TEWS-TCP260-10R Datasheet
163Kb / 2P
Dual PMC Carrier for 6U CompactPCI (J3/J5 I/O)
2017-08-17
TCP260-10R-ET TEWS-TCP260-10R-ET Datasheet
163Kb / 2P
Dual PMC Carrier for 6U CompactPCI (J3/J5 I/O)
2017-08-17
TCP260-11R TEWS-TCP260-11R Datasheet
163Kb / 2P
Dual PMC Carrier for 6U CompactPCI (J3/J5 I/O)
2017-08-17
TCP260-11R-ET TEWS-TCP260-11R-ET Datasheet
163Kb / 2P
Dual PMC Carrier for 6U CompactPCI (J3/J5 I/O)
2017-08-17
More results

Similar Description - TCP261

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
CPCI420DC CANDD-CPCI420DC Datasheet
360Kb / 4P
420 Watt, 6U x 8HP, CompactPCI
logo
Advantech Co., Ltd.
MIC-3393 ADVANTECH-MIC-3393 Datasheet
483Kb / 3P
6U CompactPCI Intel짰 Xeon짰 Quad/Dual Core Processor Blade
MIC-3951 ADVANTECH-MIC-3951 Datasheet
169Kb / 1P
6U CompactPCI짰 Dual PMC or CMC Carrier Board (64-bit/66 MHz)
MIC-3392 ADVANTECH-MIC-3392 Datasheet
1,001Kb / 2P
6U CompactPCI Intel짰 Core??2 Duo Processor-based Board with Dual PCIe GbE/DDR2/SATA/PMC
logo
List of Unclassifed Man...
CT-61 ETC2-CT-61 Datasheet
269Kb / 1P
Rugged Conduction Cooled 6U CompactPCI Intel Core i7 Universal Blade with two PMC sites
logo
Advantech Co., Ltd.
MIC-6110 ADVANTECH-MIC-6110 Datasheet
513Kb / 2P
6U OpenVPX MXM carrier
17-Jun-2019
RIO-3315 ADVANTECH-RIO-3315 Datasheet
460Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3395
19-Oct-2017
RIO-3316 ADVANTECH-RIO-3316 Datasheet
513Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3396
26-Feb-2019
RIO-3317 ADVANTECH-RIO-3317 Datasheet
497Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3397
24-Dec-2015
RIO-3396MIL ADVANTECH-RIO-3396MIL Datasheet
692Kb / 1P
6U CompactPCI® Rear Transition Board for MIC-3396MIL
9-Apr-2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com