Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCPS007-TM-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TCPS007-TM-DOC
Description  Rear I/O Module for Quad 10/100/1000 Ethernet CPCI-S.0 Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TCPS007-TM-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TCPS007-TM-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TCPS007-TM-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.0
21.09.2021
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
E-Mail: info@tews.com
www.tews.com
The Embedded I/O Company
TCPS007-TM Rear I/O Module for Quad 10/100/1000 Ethernet
CPCI-S.0 Modules
TCPS007-TM-10R
Application Information
The TCPS007-TM is a PICMG CPCI-S.0 R2.0 compatible
3U rear I/O module that provides a four channel 10Base-T
/ 100Base-TX / 1000Base-T Ethernet interface.
The TCPS007-TM distributes the Ethernet signals of
TEWS' Gigabit Ethernet CPCI-S.0 modules with rear I/O to
RJ-45 connectors located in the front panel of the module.
Impedance mismatches, caused by backplane connectors,
lead to signal distortion of the Ethernet signals. To reduce
these effects, the routing on the TCPS007-TM is optimized
for differential Ethernet signals.
Additionally, common mode choke filters are placed into
the Ethernet signal lines to improve signal quality by
suppressing common mode noise on the Ethernet signal
lines.
The operating temperature is -40°C to +85°C.
Technical Information
 Form Factor: CPCI-S.0 Rear Board
 Board size: 100 mm x 80 mm
 I/O lines routed to RJ45 connectors in the front panel
 Operating temperature -40°C to +85°C
 MTBF (MIL-HDBK217F/FN2 GB 20°C)
TCPS007-TM-10R: 56578000 h


Similar Part No. - TCPS007-TM-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TCPS007-TM-10R TEWS-TCPS007-TM-10R Datasheet
314Kb / 2P
Four Channel 10/100/1000 Mbit/s Ethernet
17.11.2021
More results

Similar Description - TCPS007-TM-DOC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83864 NSC-DP83864 Datasheet
48Kb / 4P
DP83864 Quad GigPHYTER 10/100/1000 Ethernet Physical Layer
logo
Red Lion Controls. Inc
ET-MIX24880 REDLION-ET-MIX24880 Datasheet
612Kb / 2P
Ethernet Combination I/O Module
ETHERTRAK2 REDLION-ETHERTRAK2 Datasheet
1Mb / 4P
Ethernet I/O Modules
ET-8AI2-4AO2 REDLION-ET-8AI2-4AO2 Datasheet
516Kb / 1P
Industrial Ethernet I/O Module
ET-4RTD-4DI2 REDLION-ET-4RTD-4DI2 Datasheet
740Kb / 1P
Industrial Ethernet I/O Module
logo
Turck, Inc.
TBEN-S2-4IOL TURCK-TBEN-S2-4IOL Datasheet
268Kb / 8P
Compact Multiprotocol I/O Module for Ethernet
logo
M-System Co.,Ltd.
R7E MSYSTEM-R7E Datasheet
905Kb / 31P
Remote I/O R7 Series ETHERNET I/O MODULE
logo
Advantech Co., Ltd.
WISE-4000LAN ADVANTECH-WISE-4000LAN Datasheet
138Kb / 1P
IoT Ethernet I/O Module
14-Oct-2021
logo
PHOENIX CONTACT
1088104 PHOENIX-1088104 Datasheet
343Kb / 10P
I/O module - AXL SE AI4 U 0-10
12/24/2021
logo
Advantech Co., Ltd.
DS_WISE-4000LAN ADVANTECH-DS_WISE-4000LAN Datasheet
137Kb / 1P
IoT Ethernet I/O Module
14-Oct-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com