Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMXAT01 Datasheet(PDF) 3 Page - TEMEX

Part # TMXAT01
Description  SAW Bandpass Filter - DVB-C - RF
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

TMXAT01 Datasheet(HTML) 3 Page - TEMEX

  TMXAT01 Datasheet HTML 1Page - TEMEX TMXAT01 Datasheet HTML 2Page - TEMEX TMXAT01 Datasheet HTML 3Page - TEMEX TMXAT01 Datasheet HTML 4Page - TEMEX TMXAT01 Datasheet HTML 5Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TMX AT01
SAW Bandpass Filter – DVB-C - RF
Preliminary Specification (Rev.2)- RF
Preliminary Specification (Rev 2)
February 16
th, 2006
2
Technical Characteristics
Reference Temperature : +25°C
Electrical Parameters
Unit
Minimum
Typical
(1)
Maximum
Source Impedance (balance)
Ohms
-
200
-
Load Impedance (balance)
Ohms
-
200
-
Center Frequency fc
MHz
-
1220
-
Bandwidth
MHz
8
34
-
Absolute Attenuation
500 MHz to 1125 MHz
dB
50
60
-
1125 MHz to 1141 MHz
dB
46
53
-
1141 MHz to 1155 MHz
dB
48
55
at 1132 MHz
dB
50
65
at 1176 MHz
dB
50
55
at 1184 MHz
dB
46
62
-
1290 MHz to 2000 MHz
dB
50
61
-
Insertion Loss within 1216 MHz ~ 1224 MHz
dB
-
3.7
4.8
Ripple within 1216 MHz ~ 1224 MHz
dB
-
0.8
1.5
Group Delay (p-p) within 1216 MHz ~ 1224 MHz
ns
-
40
-
Matching Network
Balance Impedance 200 Ohms
Balance Impedance 200 Ohms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com