Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE20 Datasheet(PDF) 39 Page - STMicroelectronics

Part # M25PE20
Description  1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE20 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M25PE20_07 Datasheet HTML 35Page - STMicroelectronics M25PE20_07 Datasheet HTML 36Page - STMicroelectronics M25PE20_07 Datasheet HTML 37Page - STMicroelectronics M25PE20_07 Datasheet HTML 38Page - STMicroelectronics M25PE20_07 Datasheet HTML 39Page - STMicroelectronics M25PE20_07 Datasheet HTML 40Page - STMicroelectronics M25PE20_07 Datasheet HTML 41Page - STMicroelectronics M25PE20_07 Datasheet HTML 42Page - STMicroelectronics M25PE20_07 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
M25PE20, M25PE10
Instructions
39/60
6.13
SubSector Erase (SSE)
Note:
The SubSector Erase (SSE) instruction is decoded only in the T9HX process (see Important
note on page 6).
The SubSector Erase (SSE) instruction sets to 1 (FFh) all bits inside the chosen subsector.
Before it can be accepted, a Write Enable (WREN) instruction must previously have been
executed. After the Write Enable (WREN) instruction has been decoded, the device sets the
Write Enable Latch (WEL).
The SubSector Erase (SE) instruction is entered by driving Chip Select (S) Low, followed by
the instruction code, and three address bytes on Serial Data Input (D). Any address inside
the SubSector (see Table 5) is a valid address for the SubSector Erase (SE) instruction.
Chip Select (S) must be driven Low for the entire duration of the sequence.
The instruction sequence is shown in Figure 21.
Chip Select (S) must be driven High after the eighth bit of the last address byte has been
latched in, otherwise the SubSector Erase (SE) instruction is not executed. As soon as Chip
Select (S) is driven High, the self-timed SubSector Erase cycle (whose duration is tSSE) is
initiated. While the SubSector Erase cycle is in progress, the Status Register may be read to
check the value of the Write In Progress (WIP) bit. The Write In Progress (WIP) bit is 1
during the self-timed SubSector Erase cycle, and is 0 when it is completed. At some
unspecified time before the cycle is complete, the Write Enable Latch (WEL) bit is reset.
A SubSector Erase (SSE) instruction applied to a subsector that contains a page that is
Hardware or software Protected is not executed.
Any SubSector Erase (SSE) instruction, while an Erase, Program or Write cycle is in
progress, is rejected without having any effects on the cycle that is in progress.
If Reset (Reset) is driven Low while a SubSector Erase (SSE) cycle is in progress, the
SubSector Erase cycle is interrupted and data may not be erased correctly (see Table 14:
Device status after a Reset Low pulse). On Reset going Low, the device enters the Reset
mode and a time of tRHSL is then required before the device can be re-selected by driving
Chip Select (S) Low. For the value of tRHSL see Table 24: Timings after a Reset Low pulse in
Section 11: DC and AC parameters.
Figure 20.
SubSector Erase (SSE) instruction sequence
1.
Address bits A23 to A18 are Don’t Care in the M25PE20. Address bits A23 to A17 are Don’t Care in the
M25PE10.
24 Bit Address
C
D
AI12356
S
2
1
3456789
29 30 31
Instruction
0
23 22
20
1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com