Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25PE20-VMN6TP Datasheet(PDF) 9 Page - STMicroelectronics

Part # M25PE20-VMN6TP
Description  1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE20-VMN6TP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M25PE20-VMN6TP Datasheet HTML 5Page - STMicroelectronics M25PE20-VMN6TP Datasheet HTML 6Page - STMicroelectronics M25PE20-VMN6TP Datasheet HTML 7Page - STMicroelectronics M25PE20-VMN6TP Datasheet HTML 8Page - STMicroelectronics M25PE20-VMN6TP Datasheet HTML 9Page - STMicroelectronics M25PE20-VMN6TP Datasheet HTML 10Page - STMicroelectronics M25PE20-VMN6TP Datasheet HTML 11Page - STMicroelectronics M25PE20-VMN6TP Datasheet HTML 12Page - STMicroelectronics M25PE20-VMN6TP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
M25PE20, M25PE10
Signal description
9/60
2.7
Write Protect (W) or Top Sector Lock (TSL)
●
The Write Protect function is available in the T9HX process only (see Important
note on page 6).
The Write Protect (W) input is used to freeze the size of the area of memory that is
protected against write, program and erase instructions (as specified by the values in
theBP1 and BP0 bits of the Status Register. See Section 6.4: Read Status Register
(RDSR) for a description of these bits).
●
The Top Sector Lock function is available in the T7X process only (see Important
note on page 6).
The input signal sets the device in the Hardware Protected mode, when Top Sector
Lock (TSL) is connected to VSS, causing the top 256 pages (upper addresses) of the
memory to become read-only (protected from write, program and erase operations).
When Top Sector Lock (TSL) is connected to VCC, the top 256 pages of memory
behave like the other pages of memory.
2.8
VCC supply voltage
VCC is the supply voltage.
2.9
VSS ground
VSS is the reference for the VCC supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com