Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMXW310 Datasheet(PDF) 2 Page - TEMEX

Part # TMXW310
Description  SAW Passband Filter - MOBILE COMMUNICATION - IF
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

TMXW310 Datasheet(HTML) 2 Page - TEMEX

  TMXW310 Datasheet HTML 1Page - TEMEX TMXW310 Datasheet HTML 2Page - TEMEX TMXW310 Datasheet HTML 3Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TMX W310
SAW Passband Filter - MOBILE COMMUNICATION - IF
Preliminary Specification (Rev 1)
May 10
th, 2005
1
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Electrical Parameters
Unit
Minimum
Typical
(1)
Maximum
Source Impedance (single ended)
Ω
-
50
(2)
-
Load Impedance (single ended)
Ω
-
50
(2)
-
Center Frequency fo
MHz
-
2140
-
Absolute Attenuation
DC to 500 MHz
dB
21
33
-
500 MHz to 1900 MHz
dB
20
28
-
1900 MHz to 2050 MHz
dB
25
30
-
2215 MHz to 2300 MHz
dB
20
32
-
2300 MHz to 4500 MHz
dB
25
32
-
Insertion Loss within 2110 MHz ~ 2170 MHz
dB
-
2.1
3.5
VSWR within 2110 MHz ~ 2170 MHz
-
1.9
2.2
Ripple within 2110 MHz ~ 2170 MHz
dB
-
0.6
2.0
Package type & size
Length x Width
mm²
-
3.0 x 3.0
-
Height
mm
-
1.0
1.2
Pin Out
Input
B
Output
E
Case Ground
A, C, D, F
To Be Grounded
A, C, D, F
Notes :
(1)
Typical values are nominal performances at room temperature
(2)
No external matching circuit is required
50
Ω / 50 Ω CONFIGURATION
Input
50
Ω
Single
Output
50
Ω
Single
GND
Maximum Ratings
Rating
Unit
Value
Operating Temperature Range
-30 to +80
°C
Storage Temperature Range
-40 to +85
°C
DC permissive Voltage
0
V
Maximum RF Power
13
dBm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com