Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GFZ1Q Datasheet(PDF) 2 Page - First Components International

Part # GFZ1Q
Description  1.0 Amp Glass Passivated Sintered Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

GFZ1Q Datasheet(HTML) 2 Page - First Components International

  GFZ1Q Datasheet HTML 1Page - First Components International GFZ1Q Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Preliminary Data Sheet
1.0 Amp Glass Passivated
Sintered Rectifiers
Ratings at
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 HZ
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
NOTES: 1. Measured @ 1 MHZ and applied reverse voltage of 4.0V.
2. 5.0mm2 (.013mm thick) land areas.
3. Reverse Recovery Condition I
F = 0.5A, IR = 1.0A, IRR = 0.25A.
Forward Current Derating Curve
T
L = Lead Temperature (°
°°°°C)
Typical Reverse Characteristics
Non-Repetitive
Peak Forward Surge Current
Percent of Rated Peak Voltage
Typical Instantaneous Forward Characteristics
Volts
Typical Junction Capacitance
Reverse Voltage (Volts)
Number of Cycles @ 60 HZ
T
J = 75°
°°°°C
8.3mSSingleHalfSineWave
(JedecMethod)
T
J = 25°
°°°°C
f = 1.0 MHZ
V
SIG = 50mVp-p
T
J = 25°
°°°°C
Pulse Width = 300µµµµµS
1% Duty Cycle
T
J = 125°
°°°°C
T
J = 75°
°°°°C
T
J = 25°
°°°°C
A
T
G
d
D
Glass
Dd
G
T
A
68
43 2+0.5 11 15+1
Die Dimension (mils)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com