Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QEA95VCD0 Datasheet(PDF) 2 Page - TEMEX

Part # QEA95VCD0
Description  SMD 9.6x11.4 TCXO / VC-TCXO - Communications equipment applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QEA95VCD0 Datasheet(HTML) 2 Page - TEMEX

  QEA95VCD0 Datasheet HTML 1Page - TEMEX QEA95VCD0 Datasheet HTML 2Page - TEMEX QEA95VCD0 Datasheet HTML 3Page - TEMEX QEA95VCD0 Datasheet HTML 4Page - TEMEX QEA95VCD0 Datasheet HTML 5Page - TEMEX QEA95VCD0 Datasheet HTML 6Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
QEA95 / QEA95V
SMD 9.6x11.4 TCXO / VC-TCXO – Communications equipment applications
Specification (rev-E)
March 16
th, 2006
1
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Freque ncy
Electrical Characteristics
□
□ Output : Clipped SineWave
□
□ Load : 10KΩ//10pF
□
□ Standard frequency : 10.0 – 12.8 – 13.0 – 14.4 – 14.7456 – 16.384 – 19.2 – 19.44 – 20.0 – 21.4 MHz
Electrical Parameters
Unit
Minimum
Typical
Maximum
Test conditions
Frequency Range
MHz
9.6
40
Operating Temperature
Range
°C
-30 to 75
-40 to 85
Refer to Ordering
Information
Storage Temperature
Range
°C
-40
85
Power supply
V
3.0
5.0
Refer to Ordering
Information
Frequency Adjustment
-
type QEA95
-
type QEA95V
-
type QEA95V1
± ppm
3.0
3.0
Trimmerless
Mechanical Trimmer
Preset Frequency
-
type QEA95
-
type QEA95V
-
type QEA95V1
± ppm
0.5
0.5
2.0
At 25°C ± 2°C
Stability vs Operating
Temperature Range
± ppm
2.5
Refer to Ordering
Information
Stability vs voltage
variation (± 5%)
± ppm
0.3
For frequency less than
28MHz (see Note 1)
Stability vs load variation
(± 10%)
± ppm
0.3
Aging
(First year at 25°C)
± ppm
1.0
For frequency less than
28MHz (see Note 2)
Supply Current
9.6MHz ≤ Fo < 16.000MHz
16.0MHz ≤ Fo ≤ 40.000MHz
mA
1.5
2.0
With load 10KΩ//10pF
Output voltage
9.6MHz ≤ Fo < 16.000MHz
16.0MHz ≤ Fo ≤ 40.000MHz
Vp-p
0.8
0.7
Clipped Sine DCcut
Pulling Range
-
type QEA95
-
type QEA95V
-
type QEA95V1
ppm
-
5
8
-
10
14
5V => Vc=2.50 ± 2.00V
3.3V=> Vc=1.65 ± 1.35V
3.0V=> Vc=1.50 ± 1.00V
Phase Noise
offset 10Hz
offset 100Hz
offset 1KHz
offset 10KHz
dBc/Hz
-90
-128
-147
-148
Typical value for 10MHz
TCXO.
Note 1 : for frequency
≥ 28MHz, stability vs voltage variation (± 5%) is ± 1.0ppm max
Note 2 : for frequency
≥ 28MHz, aging first year ± 2.0ppm max



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com