Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC601 Datasheet(PDF) 1 Page - First Components International

Part # KBPC601
Description  6.0 Amp SINGLE PHASE SILICON BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

KBPC601 Datasheet(HTML) 1 Page - First Components International

  KBPC601 Datasheet HTML 1Page - First Components International KBPC601 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
Features
n 150 AMP SURGE OVERLOAD RATING
n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25oC.
Maximum Ratings
KBPC600...610 Series
Data Sheet
Units
Volts
Volts
Volts
............................................. 6.0 ...............................................
............................................. 3.0 ...............................................
............................................. 175 ...............................................
............................................. 127 ...............................................
............................................. 1.0 ...............................................
............................................. 5.0 ...............................................
............................................. 500 ...............................................
............................................. 8.0 ...............................................
......................................... -55 to 150 ..........................................
Amps
Amps
Amps
A2S
Volts
µAmps
µAmps
°C / W / Leg
pF
°C
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
Mechanical Data: Weight - 0.3 Ounces. Mounting Torque -
5.1 lbs. Mounting Position - Any.
Average Forward Rectified Current...I
F(av)
T
C =50°C, Alum. Heat Sink
(5.5" x 6.0" x 0.11" Plate)
T
A =45°C, PCB Mounting
Non-Repetitive Peak Forward Surge Current...I
FSM
8.3 mS Single ½ Sine Wave Imposed on Rated Load
Point Rating for Fusing...(T < 8.3 mS)
Forward Voltage...V
F
Bridge Element @ 3.0 Amps
DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
A =25°C
T
A =125°C
Typical Thermal Resistance...R
θJC (Alum Heat Sink)
Typical Junction Capacitance...C
J
Operating & Storage Temperature Range...T
J, TSTRG
n COMPACT SIZE
n LOW LEAKAGE CURRENT
< ................... 186 .................... > < ............. 9 0 ........... >
KBPC600 KBPC601 KBPC602 KBPC604 KBPC606 KBPC608 KBPC610
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
Page 3-21
6.0 Amp
SINGLE PHASE SILICON BRIDGE
Mechanical Dimensions


Similar Part No. - KBPC601

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC601 WTE-KBPC601 Datasheet
40Kb / 3P
6.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBPC601 JGD-KBPC601 Datasheet
131Kb / 2P
SINGLE PHASE 6.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Semtech Corporation
KBPC601 SEMTECH-KBPC601 Datasheet
122Kb / 2P
6.0A SINGLE - PHASE SILICON BRIDGE???
logo
Shanghai Sunrise Electr...
KBPC601 SSE-KBPC601 Datasheet
21Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC601 CHENYI-KBPC601 Datasheet
149Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
More results

Similar Description - KBPC601

ManufacturerPart #DatasheetDescription
logo
Bytes
RS601M BYTES-RS601M Datasheet
148Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
BR605 FORMOSA-BR605 Datasheet
29Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
First Components Intern...
KBU600 FCI-KBU600 Datasheet
126Kb / 2P
6.0 Amp SINGLE PHASE SILICON BRIDGE
logo
UNIOHM CORPORATION
BR605 UNIOHM-BR605 Datasheet
60Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
GBJ601 UNIOHM-GBJ601 Datasheet
66Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
RS601 UNIOHM-RS601 Datasheet
65Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
First Components Intern...
GBJ6005 FCI-GBJ6005 Datasheet
78Kb / 2P
6.0 Amp GLASS PASSIVATED SINGLE PHASE SILICON BRIDGE
logo
Goodwork Semiconductor ...
KBU601 GWSEMI-KBU601 Datasheet
65Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
BR605 DGNJDZ-BR605 Datasheet
153Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
GBU6005 BYTESONIC-GBU6005 Datasheet
525Kb / 2P
SINGLE PHASE 6.0 AMP BRIDGE RECTIFIERS
2016/12/13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com