Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPSC14 Datasheet(PDF) 1 Page - First Components International

Part # KBPSC14
Description  10 to 15 Amp SINGLE PHASE SILICON BRIDGE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

KBPSC14 Datasheet(HTML) 1 Page - First Components International

  KBPSC14 Datasheet HTML 1Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
Mechanical Dimensions
n UP TO 300 AMP SURGE OVERLOAD RATING
n LOW LEAKAGE CURRENT,
LESS THAN 1µA
Electrical Characteristics @ 25oC.
Maximum Ratings
KBPSC10 . . . 15 Series
Data Sheet
10 to 15 Amp
SINGLE PHASE SILICON BRIDGE
Units
Volts
Volts
Volts
............................................. 1 0 ...............................................
............................................. 1 5 ...............................................
............................................. 200 ...............................................
............................................. 300 ...............................................
............................................. 1.1 ...............................................
............................................. 1.1 ...............................................
............................................. 2000 ...............................................
............................................. 1 0 ...............................................
............................................. 1.2 ...............................................
......................................... -65 to175 ..........................................
Amps
Amps
Amps
Amps
Volts
Volts
Volts AC
µAmps
°C / W
°C
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
-00
-01
-02
-04
-06
-08
-10
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
n BUILT-IN INTEGRAL HEAT SINK
n
UL RECOGNITION AVAILABLE
n SMALL PACKAGE
Features
Average Forward Rectified Current...I
F(av)
KBPSC10
KBPSC15
Non-Repetitive Peak Forward Surge
Current...I
FSM
KBPSC10
KBPSC15
Forward Voltage...V
F
KBPSC10
KBPSC15
Isolation Voltage Case to Leads...V
ISO
DC Reverse Current...I
R
@ Rated DC/Element
Thermal Resistance...R
θJC (Note 1)
Operating & Storage Temperature Range...T
J, TSTRG
Page 3-27


Similar Part No. - KBPSC14

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
KBPSC6005 FCI-KBPSC6005 Datasheet
312Kb / 2P
SILGLE PHASE SILICON BRIDGE Low forward voltage drop
KBPSC601 FCI-KBPSC601 Datasheet
312Kb / 2P
SILGLE PHASE SILICON BRIDGE Low forward voltage drop
KBPSC6010 FCI-KBPSC6010 Datasheet
312Kb / 2P
SILGLE PHASE SILICON BRIDGE Low forward voltage drop
KBPSC602 FCI-KBPSC602 Datasheet
312Kb / 2P
SILGLE PHASE SILICON BRIDGE Low forward voltage drop
KBPSC604 FCI-KBPSC604 Datasheet
312Kb / 2P
SILGLE PHASE SILICON BRIDGE Low forward voltage drop
More results

Similar Description - KBPSC14

ManufacturerPart #DatasheetDescription
logo
Formosa MS
MB1505 FORMOSA-MB1505 Datasheet
41Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
MB1505W FORMOSA-MB1505W Datasheet
34Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
List of Unclassifed Man...
KBPC10 ETC1-KBPC10 Datasheet
204Kb / 4P
10 to 40 Amp SINGLE PHASE SILICON BRIDGE
GBU1501 ETC2-GBU1501 Datasheet
63Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
MB1505 UNIOHM-MB1505 Datasheet
72Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
MP1505 GWSEMI-MP1505 Datasheet
73Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
MP1505W GWSEMI-MP1505W Datasheet
67Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
KBPC15005 DGNJDZ-KBPC15005 Datasheet
174Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
KBPC15005S DGNJDZ-KBPC15005S Datasheet
81Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
FCI connector
KBPC10XX FCI-CONNECTOR-KBPC10XX Datasheet
198Kb / 4P
10 to 40 Amp SINGLE PHASE SILICON BRIDGE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com