Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC374 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC374
Description  RAD-HARD OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC374 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC374 Datasheet HTML 1Page - STMicroelectronics M54HC374 Datasheet HTML 2Page - STMicroelectronics M54HC374 Datasheet HTML 3Page - STMicroelectronics M54HC374 Datasheet HTML 4Page - STMicroelectronics M54HC374 Datasheet HTML 5Page - STMicroelectronics M54HC374 Datasheet HTML 6Page - STMicroelectronics M54HC374 Datasheet HTML 7Page - STMicroelectronics M54HC374 Datasheet HTML 8Page - STMicroelectronics M54HC374 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
May 2004
s
HIGH SPEED:
fMAX = 90MHz (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =6mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 374
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9203-060
DESCRIPTION
The M54HC374 is an high speed CMOS OCTAL
D-TYPE FLIP FLOP WITH 3-STATE OUTPUTS
NON INVERTING fabricated with sub-micron
silicon gate C2MOS technology.
This 8 bit D-TYPE FLIP FLOP is controlled by a
clock input (CK) and an output enable input (OE).
On the positive transition of the clock, the Q
outputs will be set to the logic state that were
setup at the D inputs.
While the OE input is at low level, the eight outputs
will be in a normal logic state (high or low logic
level) and while OE is high the outputs will be in a
high impedance state.
The output control does not affect the internal
operation of flip-flops; that is, the old data can be
retained or the new data can be entered even
while the outputs are off.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC374
RAD-HARD OCTAL D-TYPE FLIP FLOP
WITH 3 STATE OUTPUT NON INVERTING
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC374D
M54HC374D1
FPC
M54HC374K
M54HC374K1
DILC-20
FPC-20
Rev. 1


Similar Part No. - M54HC374

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC374 STMICROELECTRONICS-M54HC374 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC374D STMICROELECTRONICS-M54HC374D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC374K STMICROELECTRONICS-M54HC374K Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC374

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC374 STMICROELECTRONICS-74AC374 Datasheet
238Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74AC574 STMICROELECTRONICS-74AC574 Datasheet
248Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Apr-2001
74ACT374 STMICROELECTRONICS-74ACT374 Datasheet
90Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Apr-1997
74VHCT374A STMICROELECTRONICS-74VHCT374A Datasheet
73Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Feb-2000
74VHCT574A STMICROELECTRONICS-74VHCT574A Datasheet
73Kb / 10P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Aug-1999
logo
Toshiba Semiconductor
TC74HC564AP TOSHIBA-TC74HC564AP Datasheet
267Kb / 6P
OCTAL D -TYPE FLIP-FLOP WITH 3-STATE OUTPUT. INVERTING, NON INVERTING
logo
STMicroelectronics
M74HCT374 STMICROELECTRONICS-M74HCT374 Datasheet
233Kb / 11P
OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
M54HC373 STMICROELECTRONICS-M54HC373_04 Datasheet
295Kb / 11P
RAD-HARD OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
10-May-2004
M54HC573 STMICROELECTRONICS-M54HC573_04 Datasheet
303Kb / 12P
RAD-HARD OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
14-May-2004
M54HC574 STMICROELECTRONICS-M54HC574 Datasheet
301Kb / 11P
RAD-HARD OCTAL D-TYPE FLIP FLOP WITH 3 STATE OUTPUT NON INVERTING
01-Jun-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com