Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS488IST Datasheet(PDF) 24 Page - STMicroelectronics

Part # TS488IST
Description  Pop-free 120mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS488IST Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TS488IST Datasheet HTML 20Page - STMicroelectronics TS488IST Datasheet HTML 21Page - STMicroelectronics TS488IST Datasheet HTML 22Page - STMicroelectronics TS488IST Datasheet HTML 23Page - STMicroelectronics TS488IST Datasheet HTML 24Page - STMicroelectronics TS488IST Datasheet HTML 25Page - STMicroelectronics TS488IST Datasheet HTML 26Page - STMicroelectronics TS488IST Datasheet HTML 27Page - STMicroelectronics TS488IST Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Application information
TS488-TS489
24/32
Note:
In case FCL is kept the same for calculation, It must be taken in account that the
1st order high-pass filter on the input and the 1st order high-pass filter on the
output create a 2nd order high-pass filter in the audio signal path with an
attenuation 6dB on FCL and a roll-off 40db⁄ decade.
4.4
Higher cut-off frequency
In the high frequency region, you can limit the bandwidth by adding a capacitor Cfeed in
parallel with Rfeed. It forms a low-pass filter with a -3dB cut-off frequency FCH. Assuming
that FCH is highest frequency to be amplified (with a 3dB attenuation), the maximum value of
Cfeed is:
Figure 79.
Lower cut-off frequency vs.
input capacitor
Figure 80.
Lower cut-off frequency vs.
output capacitor
1
10
100
1000
10
100
1k
10k
Rin=50k
Ω
Rin=100k
Ω
Rin=20k
Ω
Cin (nF)
Rin=10k
Ω
0.1
1
10
100
1000
10
100
1k
10k
R
L
=32
Ω
R
L
=600
Ω
R
L
=16
Ω
Cout (
μF)
Figure 81.
Higher cut-off frequency vs. feedback capacitor
F
CH
1
2
π R
feed
C
feed
⋅⋅
--------------------------------------------------
=
0.01
0.1
1
10
100
100
1k
10k
100k
Rfeed=40k
Ω
Rfeed=80k
Ω
Rfeed=20k
Ω
Cfeed
(
μF)
Rfeed=10k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com