Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS489IST Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS489IST
Description  Pop-free 120mW stereo headphone amplifier
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS489IST Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS489IST Datasheet HTML 8Page - STMicroelectronics TS489IST Datasheet HTML 9Page - STMicroelectronics TS489IST Datasheet HTML 10Page - STMicroelectronics TS489IST Datasheet HTML 11Page - STMicroelectronics TS489IST Datasheet HTML 12Page - STMicroelectronics TS489IST Datasheet HTML 13Page - STMicroelectronics TS489IST Datasheet HTML 14Page - STMicroelectronics TS489IST Datasheet HTML 15Page - STMicroelectronics TS489IST Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
Electrical characteristics
TS488-TS489
12/32
Figure 20.
Power dissipation vs. output power
per channel
Figure 21.
Power dissipation vs. output power
per channel
0
5
10
15
20
25
30
35
40
0
5
10
15
20
25
30
RL=32
Ω
RL=16
Ω
Vcc=2.5V, F=1kHz, THD+N<1%
Output Power (mW)
0
10
2030
4050
60
70
0
5
10
15
20
25
30
35
40
RL=32
Ω
RL=16
Ω
Vcc=3.3V, F=1kHz, THD+N<1%
Output Power (mW)
Figure 22.
Power dissipation vs. output power
per channel
Figure 23.
Power supply rejection ratio vs.
frequency
0
20
40
60
80
100
120
140
160
0
20
40
60
80
100
RL=32
Ω
RL=16
Ω
Vcc=5V, F=1kHz, THD+N<1%
Output Power (mW)
100
1k
10k
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc=5V
Vcc=3.3V
20k
20
Vcc=2.5V
Inputs grounded, Av=-1,
RL
=16Ω , Cb=1μF, T
AMB
=25°C
Frequency (Hz)
Figure 24.
Power supply rejection ratio vs.
frequency
Figure 25.
Power supply rejection ratio vs.
frequency
100
1k
10k
-80
-70
-60
-50
-40
-30
-20
-10
0
Av=-4
Av=-1
20k
20
Av=-2
Inputs grounded, Vcc=3.3V,
RL=16
Ω , Cb=1μF, T
AMB
=25°C
Frequency (Hz)
100
1k
10k
-80
-70
-60
-50
-40
-30
-20
-10
0
Cb=1
μF
Cb=100nF
Cb=470nF
20k
20
Cb=220nF
Inputs grounded, Av=-1,
RL=16
Ω , Vcc=3.3V, T
AMB
=25°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com