Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet(PDF) 2 Page - First Components International

Part # LP2950
Description  150mA Low Drop Out Voltage Regulators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LP2950 Datasheet(HTML) 2 Page - First Components International

  LP2950_1 Datasheet HTML 1Page - First Components International LP2950_1 Datasheet HTML 2Page - First Components International LP2950_1 Datasheet HTML 3Page - First Components International LP2950_1 Datasheet HTML 4Page - First Components International LP2950_1 Datasheet HTML 5Page - First Components International LP2950_1 Datasheet HTML 6Page - First Components International LP2950_1 Datasheet HTML 7Page - First Components International LP2950_1 Datasheet HTML 8Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Output Voltage
TJ = 25oC
4.98
5.0
5.02
4.975
5.0
5.025
4.95
5.0
5.05
V
-25oC < TJ < 85oC
4.95
5.05
4.95
5.05
4.93
5.075
Full Operating Temp.
4.94
5.06
4.94
5.06
4.94
5.085
Output Voltage
100
µA < IL < 100mA
4.93
5.07
4.93
5.07
4.925
5.075
V
TJ < TJMAX
Output Voltage
(Note 1)
20
20
50
ppm/oC
Temperature Coefficient
Line Regulation
6V < Vin < 30V
0.03
0.2
0.03
0.2
0.04
0.2
%
(Note 3)
(Note 4)
Load Regulation
100
µA < IL < 100mA
0.04
0.1
0.04
0.1
0.1
0.2
%
(Note 3)
Dropout Voltage
IL = 100µA
40
80
4080
4080
mV
(Note 5)
IL = 100mA
250
300
250
300
250
300
mV
IL = 150mA
300
450
300
450
300
450
mV
Ground Current
IL = 100µA
75
120
75
120
75
120
µA
IL = 100mA
1.7
2.5
1.7
2.5
1.7
2.5
mA
IL = 150mA
4
6
4
6
4
6
mA
Dropout Ground
Vin = 4.5V
110
170
110
170
110
170
µA
Current
IL = 100µA
Current Limit
Vout = 0
160
200
160
200
160
200
mA
Thermal Regulation
0.05
0.2
0.05
0.2
0.05
0.2
% W
Output Noise,
CL = 1µF
430
430
430
µVms
10Hz to 100kHz
IL = 200µF
160
160
160
IL = 13.3µF
100
100
100
(Bypass = 0.01
µF pins 7
to 1 (LP2951))
8-Pin Versions only
LP2951BC
LP2951AC
LP2951C
Reference Voltage
1.22
1.235
1.25
1.22
1.235
1.25
1.216
1.235
1.254
V
Reference Voltage
Over Temp. (Note 6)
1.19
1.27
1.19
1.27
1.18
1.28
V
Feedback Pin Bias
20
40
20
40
20
40
nA
Current
Reference Voltage
(Note 7)
20
20
50
ppm/oC
Temperature
Coefficient
Feedback Pin Bias
0.1
0.1
0.1
nA/oC
Current Temperature
Coefficient
LP2950/LP2951 150mA Low Drop Out Voltage Regulators
ABSOLUTEMAXIMUMRATINGS
Power Dissipation ....................... Internally Limited
Lead Temp. (Soldering, 5 Seconds) ................ 260oC
Storage Temperature Range .............. -65 to +150oC
Operating Junction Temperature Range
LP2951 ................................................ -55 to +150oC
LP2950BC/LP2950AC/LP2950C
LP2951BC/LP2951AC/LP2951C ... -40 to +125oC
Input Supply Voltage .............................. -20 to +60V
Feedback Input Voltage ........................ -1.5 to +30V
Shutdown Input Voltage ....................... -0.3 to +30V
Error Comparator Output ................... -0.3 to +30V
ECD Rating is to be determined
ELECTRICAL CHARACTERISTICS (V
in = 15V, TA = 25
oC unless otherwise noted)
PARAMETER
CONDITIONS
LP2950BC
LP2950AC
LP2950C
UNITS
(Note 2)
LP2951BC
LP2951AC
LP2951C
M i n
Typ
Max
M i n
Typ
Max
M i n
Typ
Max
3-2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com