Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RDF005 Datasheet(PDF) 1 Page - First Components International

Part # RDF005
Description  1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

RDF005 Datasheet(HTML) 1 Page - First Components International

  RDF005 Datasheet HTML 1Page - First Components International RDF005 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Average Forward Rectified Current...I
F(av)
T
A = 40°C
Non-Repetitive Peak Forward Surge Current...I
FSM
8.3 mS Single ½ Sine Wave Imposed on Rated Load
Point Rating for Fusing...(T < 8.3 mS)
Forward Voltage...V
F
Bridge Element @ 1.0 Amp
DC Reverse Current...I
R
@ Rated DC Blocking Voltage
T
J =25°C
T
J =125°C
T
C = 25°C
Operating & Storage Temperature Range...T
J, TSTRG
Description
Features
n COMPACT SIZE
n LOW LEAKAGE CURRENT
n 50 AMP SURGE OVERLOAD RATING
Mechanical Dimensions
n UNDERWRITERS LABORATORIES
RECOGNIZED
n MEETS UL SPECIFICATION 94V-0
Electrical Characteristics @ 25oC.
Maximum Ratings
RDF005 . . . 08 Series
Data Sheet
1.0 Amp FAST RECOVERY
SINGLE PHASE SILICON BRIDGE
Units
Volts
Volts
Volts
............................................. 1.0 ...............................................
............................................. 50 ...............................................
............................................. 5.0 ...............................................
............................................. 1.3 ...............................................
............................................. 10 ...............................................
............................................. 1.0 ...............................................
............................................. 40 ...............................................
......................................... -55 to 150 ..........................................
Amps
Amps
A2S
Volts
µA
mA
nS
°C/W
°C
RDF005
RDF01
RDF02
RDF04
RDF06
RDF08
50
100
200
400
600
800
35
70
140
280
420
560
50
100
200
400
600
800
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
Mechanical Data: Terminal Leads - Solderable per Mil Std. 202. Polarity - Molded
on Case. Mounting Position - Any. Weight - 0.04 Ounces, 1 Gram.
Add Suffix “S” for SMD.
Example: RDF-04M“S” = 400V/1 Amp SMD Part
200
200
200
350
350
350
Page 3-5
AC
AC
Reverse Recovery Time...t
RR (Note 1)
Typical Thermal Resistance...R
θJC


Similar Part No. - RDF005

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RDF005 ETC1-RDF005 Datasheet
149Kb / 2P
1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
More results

Similar Description - RDF005

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1W005 JGD-1W005 Datasheet
129Kb / 2P
SINGLE PHASE 1.0 AMP SILICON BRIDGE RECTIFIERS
logo
Bytes
DB101 BYTES-DB101 Datasheet
147Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
DI101 FORMOSA-DI101 Datasheet
62Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
1W005M TSC-1W005M Datasheet
69Kb / 2P
Single Phase 1.0 AMP. Silicon Bridge Rectifiers
logo
List of Unclassifed Man...
RDF005 ETC1-RDF005 Datasheet
149Kb / 2P
1.0 Amp FAST RECOVERY SINGLE PHASE SILICON BRIDGE
logo
Taiwan Semiconductor Co...
1W005 TSC-1W005 Datasheet
265Kb / 2P
Single Phase 1.0 AMP. Silicon Bridge Rectifiers
1W005M TSC-1W005M_1 Datasheet
267Kb / 2P
Single Phase 1.0 AMP. Silicon Bridge Rectifiers
logo
First Components Intern...
DF005 FCI-DF005 Datasheet
123Kb / 2P
1.0 Amp Surface Mount SINGLE PHASE SILICON BRIDGE
DF005 FCI-DF005_1 Datasheet
144Kb / 2P
1.0 Amp Glass Passivated Single Phase Silicon Bridge
logo
Goodwork Semiconductor ...
DB101 GWSEMI-DB101 Datasheet
63Kb / 2P
SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com