Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF32 Datasheet(PDF) 2 Page - First Components International

Part # SF32
Description  3.0 Amp SUPER FAST PLASTIC RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

SF32 Datasheet(HTML) 2 Page - First Components International

  SF32 Datasheet HTML 1Page - First Components International SF32 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
3.0 Amp SUPER FAST
PLASTIC RECTIFIERS
Page 4-29
Ratings at
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 HZ
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
NOTES: 1. Measured @ 1 MHZ and applied reverse voltage of 4.0V.
2. Conditions: I
F = 0.5A, I R = 1.0A, I RR = 0.25A.
Forward Current Derating Curve
3
2
1
025
50
75 100
150
125
175
T
A = Ambient Temperature (°
°°°°C)
Reverse Voltage (Volts)
Typical Junction Capacitance
Non-Repetitive
Peak Forward Surge Current
Number of Cycles @ 60 HZ
Reverse Recovery
Characteristics
Typical Instantaneous
Forward Characteristics
Oscilliscope
Note 1
Pulse
Generator
Note 2
(-)
(+)
Notes:
1. Rise Time = 7 nS Max.
Impedance = 1 megohm, 22 pF
2. Rise Time = 10 nS Max.
Source Impedance = 50 Ohms
Time Base Set @ 50/100nS/cm
+.5A
0A
-.25A
-1.0A
1 cm
Typical Reverse Characteristics
t
RR
Volts
50Ω
Ω
Ω
Ω
Ω
(-)
(+)
25 VDC
Non-Inductive
1 Ω
Ω
Ω
Ω
Ω
Non-
Inductive
D.U.T 10Ω
Ω
Ω
Ω
Ω
Percent of Rated Peak Voltage
8.3 mS
Single Half Sine Wave
T
J = 25°C
Pulse Width = 300 µµµµµs
% Duty Cycle
T
J = 25°C
T
J= 150°C
T
J= 100°C
T
J= 25°C
175
125
75
25
110
100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com