Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP255 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TIP255
Description  2 Mbytes SRAM Memory with Battery Backup
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TIP255 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TIP255 Datasheet HTML 1Page - TEWS Technologies GmbH TIP255 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.1.0
2018-02-13
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
TIP255
2 Mbytes SRAM Memory with Battery Backup
Application Information
The TIP255 is an IndustryPack
 compatible module that
offers an easy and reliable way to implement 2 Mbytes of
SRAM memory with battery backup. The TIP255 is ideal
for holding configuration parameter and data logging
applications.
Four 512 Kbit x eight low power SRAM devices are used
to provide two banks of 1 Mbyte (16 bit wide) SRAM
memory.
A non-volatile controller together with the on board lithium
battery converts the SRAM into non-volatile memory. The
battery status can be monitored by the control and status
register. Additionally an interrupt can be generated on
battery low.
Accesses to the TIP255 SRAM memory occur within the
IP memory space. The IP I/O space holds the control and
status register and the interrupt vector register.
Technical Information
 Interface according to IndustryPack specification
 Identification-PROM supports auto-configuration
 Single Size IndustryPack
 2 Mbytes of SRAM Memory
 Organized in 2 banks of 1 Mbyte (16 bit wide)
 SRAM chip: 4 devices 512 Kbit x 8, 70ns, TSOP-2
package, low power
 Non-volatile controller converts SRAM into non-
volatile memory
 On board battery holder with lithium battery (type
CR2430, 285mAh)
 Automatically switches to battery backup supply when
Vcc supply drops
 Interrupt support on battery low
 Battery life time 8 years typical @ +25°C
 Wait states: no wait states
 Power requirements: +5V only, on board +3.3V
generation
 Operating temperature 0 °C to +70 °C


Similar Part No. - TIP255

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIP250 ETC2-TIP250 Datasheet
38Kb / 1P
8 Mbytes Flash Memory
logo
TEWS Technologies GmbH
TIP250 TEWS-TIP250 Datasheet
267Kb / 2P
8 Mbytes Flash Memory
2017-09-27
logo
List of Unclassifed Man...
TIP250-10 ETC2-TIP250-10 Datasheet
38Kb / 1P
8 Mbytes Flash Memory
logo
TEWS Technologies GmbH
TIP250-10R TEWS-TIP250-10R Datasheet
267Kb / 2P
8 Mbytes Flash Memory
2017-09-27
logo
List of Unclassifed Man...
TIP250-DOC ETC2-TIP250-DOC Datasheet
38Kb / 1P
8 Mbytes Flash Memory
More results

Similar Description - TIP255

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6129AF ROHM-BA6129AF Datasheet
108Kb / 9P
Reset IC with battery backup function
logo
List of Unclassifed Man...
TIP250 ETC2-TIP250 Datasheet
38Kb / 1P
8 Mbytes Flash Memory
logo
Maxim Integrated Produc...
DS2731 MAXIM-DS2731 Datasheet
214Kb / 20P
Cache-Memory Battery-Backup Management IC
Rev 1; 1/09
logo
Microchip Technology
23LCV1024 MICROCHIP-23LCV1024 Datasheet
700Kb / 30P
1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
2012
23LCV512 MICROCHIP-23LCV512 Datasheet
700Kb / 30P
512 Kbit SPI Serial SRAM with Battery Backup and SDI Interface
2012
23LCV1024T-E MICROCHIP-23LCV1024T-E Datasheet
700Kb / 30P
1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
11/29/11
logo
ATMEL Corporation
AT73C202 ATMEL-AT73C202_14 Datasheet
54Kb / 21P
Backup Battery Charger
logo
Cypress Semiconductor
S70GL02GS CYPRESS-S70GL02GS Datasheet
332Kb / 19P
2 Gbit (256 MBytes), 3.0 V Flash Memory
logo
Microchip Technology
23LCV1024 MICROCHIP-23LCV1024_V01 Datasheet
616Kb / 29P
1 Mbit SPI Serial SRAM with Battery Backup and SDI Interface
Revision B 06/2021
23LCV512 MICROCHIP-23LCV512_V01 Datasheet
672Kb / 29P
512-Kbit SPI Serial SRAM with Battery Backup and SDI Interface
Revision B 06/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com