Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP120-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TIP120-DOC
Description  Motion Controller using Incremental Encoder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TIP120-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TIP120-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TIP120-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
10/2009
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
TIP120
Motion Controller using Incremental Encoder
Application Information
The TIP120 family of IndustryPack
® compatible modules is
designed for motion control applications using incremental
encoders as position feedback.
There are five versions available: The TIP120-1x is a one or
two axes motion control IP based on the LM628 controller
from National Semiconductor providing a ±10V output signal
by a 12 bit D/A converter. The TIP120-2x is a one or two
axes motion control IP based on the LM629 controller from
National Semiconductor providing an 8 bit sign-magnitude
PWM output signal. The TIP120-30 is a two axes motion
control IP based on the LM628 controller from National
Semiconductor for axis 1 providing a ±10V output signal by
a 12 bit D/A converter and based on the LM629 controller
from National Semiconductor for axis 2 offering an 8 bit
sign-magnitude PWM output signal.
The position feedback is provided by an incremental
encoder interface. The level of the encoder signals can be
TTL or RS422. The LM628 / LM629 used on the TIP120-xx
are dedicated motion control processors designed for use
with a variety of DC and brushless DC servo motors, and
other
servomechanisms
which
provide
a
quadrature
(quadruple) incremental position feedback signal.
The LM628 / LM629 perform the intensive, real-time
computational tasks required for high performance digital
motion control. The host control software interface is
facilitated by a high-level command set.
Three isolated 24V DC digital inputs are available for user
functionality. The function for the three inputs may be limit
switches and emergency stop input. A floating optical output
can be controlled by software, for example as enable signal
for the motor power amplifier. The TIP120-1x uses the
LM628 as motion controller and provides a ±10V output
signal by a 12 bit D/A converter. The ±10V output signal is
buffered by an operational amplifier which is able to drive
unlimited capacitive loads. This signal can be used to drive
the power amplifier of the motor drive system.
For
First-Time-Buyers
the
Engineering
Documentation
TIP120-ED
is
recommended.
The
Engineering
Documentation includes TIP120-DOC, schematics and data
sheets of TIP120.
Software support (TIP120-SW-xx) is available for different
operating systems.
Technical Information
Interface according to IndustryPack specification
Identification-PROM
Single Size IndustryPack
8 bit sign-magnitude PWM output data (LM629) per
axis to control a servo amplifier
12 bit DAC output data (LM628) per axis with ±10V
output signal to control a servo amplifier
32 bit position, velocity and acceleration registers
Quadruple analysis of count signals
Maximum count frequency: 1 MHz
Programmable derivative sampling interval
Real time programmable host interrupt
Internal trapezoidal velocity profile generator
16 bit PID-filter parameter
3 inputs per axis for limit switches, emergency stop
1 output per axis for enable signal


Similar Part No. - TIP120-DOC

ManufacturerPart #DatasheetDescription
logo
SYC Electronica
TIP120-2 SYC-TIP120-2 Datasheet
111Kb / 4P
Medium Power Linear Switching Applications
logo
Micro Commercial Compon...
TIP120-BP MCC-TIP120-BP Datasheet
500Kb / 2P
NPN Epitaxial Darlington Transistors
logo
Bourns Electronic Solut...
TIP120-S BOURNS-TIP120-S Datasheet
97Kb / 4P
NPN SILICON POWER DARLINGTONS
More results

Similar Description - TIP120-DOC

ManufacturerPart #DatasheetDescription
logo
CUI INC
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
incremental encoder
MEH20 CUI-MEH20 Datasheet
80Kb / 3P
incremental encoder
MEH30 CUI-MEH30 Datasheet
76Kb / 3P
incremental encoder
MES9 CUI-MES9 Datasheet
61Kb / 3P
incremental encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
MES20 CUI-MES20 Datasheet
73Kb / 3P
incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
Incremental Encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com