Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP600 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TIP600
Description  16 Interrupt generating Digital Inputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TIP600 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TIP600 Datasheet HTML 1Page - TEWS Technologies GmbH TIP600 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TIP600
16 Interrupt generating Digital Inputs
Application Information
The TIP600 is an IndustryPack® compatible module and
has 16 digital inputs galvanically isolated by optocoupler.
The individual inputs are potential free in relation to each
other. A high performance input circuit ensures a defined
switching
point
and
polarization
protection
against
confusing the pole.
All inputs have an electronic debounce circuit with a freely
programmable debounce time. All inputs can generate an
interrupt. The signal edge handling is programmable.
For systems with particularly fast reaction, each input can
be assigned its own interrupt vector.
The Software Support TIP600-SW-xx provides functions to
configure the TIP600, read the input status and connect
software events to input state changes.
Technical Information
 Interface according to IndustryPack specification
 Identification-PROM supports auto-configuration
 Single Size IndustryPack
 16 interrupt generating digital inputs
 24V signal voltage for inputs, other voltages on
request
 Optocouplers for galvanic isolation of input to
computer system
 All inputs isolated against each other
 All inputs protected against confusing the pole
 All inputs have an electronic debounce circuit,
debounce time is freely programmable
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.1.1
2017-08-24
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TIP600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIP605 TI-TIP605 Datasheet
203Kb / 6P
PNP DARLINGTON-CONNECTED SILICON POWER TRANSISTORS
logo
TEWS Technologies GmbH
TIP605 TEWS-TIP605 Datasheet
141Kb / 2P
16 Interrupt generating Digital Inputs
2017-08-24
TIP605-10R TEWS-TIP605-10R Datasheet
141Kb / 2P
16 Interrupt generating Digital Inputs
2017-08-24
TIP605-DOC TEWS-TIP605-DOC Datasheet
141Kb / 2P
16 Interrupt generating Digital Inputs
2017-08-24
TIP605-SW-42 TEWS-TIP605-SW-42 Datasheet
141Kb / 2P
16 Interrupt generating Digital Inputs
2017-08-24
More results

Similar Description - TIP600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIP606 ETC1-TIP606 Datasheet
70Kb / 1P
16 Interrupt Generating Digital Inputs
logo
PHOENIX CONTACT
2742638 PHOENIX-2742638 Datasheet
279Kb / 5P
PROFIBUS-DP/V1 Bus Coupler Station With 16 Digital Inputs and 16 Digital Outputs
2897570 PHOENIX-2897570 Datasheet
744Kb / 16P
Inline Block IO Module for SERCOS III With 16 Digital Inputs and 16 Digital Inputs/Outputs
5634B PHOENIX-5634B Datasheet
311Kb / 12P
Digital Input Module with 16 Inputs
6884 PHOENIX-6884 Datasheet
975Kb / 15P
Inline Block IO module for CANopen with 16 digital inputs and 16 digital outputs
6885 PHOENIX-6885 Datasheet
950Kb / 17P
Inline Block IO Module for DeviceNet??With 16 Digital Inputs and 16 Digital Outputs
logo
WAGO Kontakttechnik Gmb...
706-3140-302-100 WAGO-706-3140-302-100 Datasheet
107Kb / 3P
System cable; for Schneider Modicon Quantum; 16 digital inputs
23.11.2021
706-3140-302-200 WAGO-706-3140-302-200 Datasheet
107Kb / 3P
System cable; for Schneider Modicon Quantum; 16 digital inputs
23.11.2021
logo
Advantech Co., Ltd.
PCIE-1762H ADVANTECH-PCIE-1762H Datasheet
295Kb / 1P
16-ch Relay and 16-ch Isolated Digital Input w/ digital filter & interrupt PCIe Card
15-May-2018
logo
Black Box Registered Tr...
ED-516 BLACKBOX-ED-516 Datasheet
1Mb / 6P
ED-516 ETHERNET TO Digital IO 16 Inputs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com