Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP102-SW-65 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TIP102-SW-65
Description  Motion Controller using Incremental Encoder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TIP102-SW-65 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TIP102-SW-65 Datasheet HTML 1Page - TEWS Technologies GmbH TIP102-SW-65 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice. All
trademarks mentioned are property of their respective owners.
12/2008
TEWS TECHNOLOGIES GmbH
TEWS TECHNOLOGIES LLC
Am Bahnhof 7
25469 Halstenbek, Germany
www.tews.com
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
9190 Double Diamond Parkway,
Suite 127, Reno, NV 89521, USA
www.tews.com
Phone: +1 (775) 850 5830
Fax: +1 (775) 201 0347
e-mail: usasales@tews.com
TIP102 Motion Controller using Incremental Encoder
Application Information
The TIP102 family consists of IndustryPack® compatible
modules with complete one or two axes high precision
motion control interfaces, using incremental encoder with
RS422 or TTL signal level for position feedback. The
transition module TIP102-TM-xx is required for the signal
conditioning and optional galvanically isolation of the
various input and output signals.
The position feedback is provided by an incremental
encoder interface and a 24 bit up/down counter. The level
of the encoder signals can be TTL or RS422. Optionally,
the encoder signals can be isolated on the transition
module by high speed optocouplers. The encoder signals
pass a digital filter for noise suppression before they are
fed into the counter and the reference logic. The counter is
programmable for single, double and quadruples analysis
of the two encoder phase signals.
Calibration of the position feedback to an absolute
reference point is done by programmable reference logic.
Several modes of operation and hardware configurations
for the reference switch and the encoder zero pulse are
selectable.
During
normal
operation
the
automatic
recalibration of the measurement system is practicable
with the “Auto-Reference” mode, whenever the system
passes the reference location.
Two isolated 24V DC digital inputs have limit switch
functionality. Each of these inputs drives a floating
optocoupler output as hardware feedback. These outputs
can be used to disable the power on the motor power
amplifier,
dependent
on
the
actual
direction.
One
additional isolated 24V digital input is for free use by the
software, for example as emergency stop input. A floating
optical output can be controlled by software, for example
as enable signal for the motor power amplifier.
A 16 bit digital to analog converter (DAC) produces a
+/-10V controller output signal which can be used as
speed or torque source for the power amplifier of the
motor drive system. A galvanically isolation of this signal
with the help of an isolation amplifier will be supplied as a
transition module option.
A 12 bit analog to digital converter (ADC) with a
configurable input voltage range is also available.
For First-Time-Buyers the Engineering Documentation
TIP102-ED
is
recommended.
The
Engineering
Documentation includes TIP102-DOC, schematics and
data sheets of TIP102 and TIP102-TM.
Driver support (TIP102-SW-xx) is available for different
operating systems.
Technical Information
TIP102
Interface according to IndustryPack specification
Identification-PROM supports auto-configuration
Single Size IndustryPack
24 bit counter per axis (+/- 8.300.000 increments)
•
Programmable single, double or quadruples
analysis of count signals
•
Maximum count frequency: 2 MHz
•
Digital signal filter for suppression of fast noise
pulses
•
Any origin within driving range selectable
•
Auto-reference procedure
16 bit D/A converter per axis with +/- 10 V output
signal to control servo amplifier
12 bit A/D converter per axis with adjustable input
voltage range e.g. for connection of a joystick
4 inputs per axis for reference switch, limit switches,
emergency stop
3 outputs per axis for control of axis enable and
current limiting
TIP102-TM
50 pin flat cable connection to TIP102
Signal distribution by three DB connectors per axis in
a 6U / 1slot front panel
Encoder interface directly to RS422 or TTL level
Signal conditioning for all signals possible:
•
Isolation of all digital 24V I/O signals
•
Isolation of encoder signals
•
Isolation of analog output
•
Isolation of analog input


Similar Part No. - TIP102-SW-65

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
TIP102-BP MCC-TIP102-BP Datasheet
167Kb / 4P
NPN Plastic Medium-Power Silicon Transistors
More results

Similar Description - TIP102-SW-65

ManufacturerPart #DatasheetDescription
logo
CUI INC
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
incremental encoder
MEH20 CUI-MEH20 Datasheet
80Kb / 3P
incremental encoder
MEH30 CUI-MEH30 Datasheet
76Kb / 3P
incremental encoder
MES9 CUI-MES9 Datasheet
61Kb / 3P
incremental encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
MES20 CUI-MES20 Datasheet
73Kb / 3P
incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
Incremental Encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
MES3 CUI-MES3 Datasheet
298Kb / 5P
INCREMENTAL ENCODER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com