Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP606-SW-65 Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TIP606-SW-65
Description  16 Interrupt generating Digital Inputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TIP606-SW-65 Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TIP606-SW-65 Datasheet HTML 1Page - TEWS Technologies GmbH TIP606-SW-65 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Embedded I/O Company
Order Information
RoHS Compliant
TIP606-10R
16 Digital Inputs for Avionic Applications, isolated, typ. 28V, max 42V
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TIP606-DOC
User Manual
Software
TIP606-SW-42
VxWorks Software Support (Legacy and VxBus-Enabled Software Support)
TIP606-SW-65
Windows Software Support
TIP606-SW-82
Linux Software Support
TIP606-SW-95
QNX Software Support
For operating systems please contact TEWS.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.1.1
2017-08-24
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com