Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP620-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TIP620-DOC
Description  Digital 48, Dual PI/T
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TIP620-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TIP620-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TIP620-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TIP620
Digital 48, Dual PI/T
Application Information
TIP620 is an IndustryPack® compatible module emulating
two Motorola MC68230 Programmable Interface/Timer
(PI/T) ICs (without DMA). Together with the IDROM and
additional logic they are integrated in a Xilinx Spartan II
FPGA.
The TIP620-10R and TIP620-11R each has its own
IDROM
and
I/O
configuration.
By
changing
solder
connections, users may convert from one product to the
other or intermediate configurations.
TIP620-10R is configured for 48 general purpose lines of
bit I/O. Timer I/O is available. In this configuration 48 of
the 50 cable lines are I/O, with 2 ground lines.
The TIP620-11R is configured to support additional
features of the PI/Ts, such as Timer, I/O, interrupts, and
double-buffered data transfer with hardware handshake.
32 lines for bit I/O are available, 8 bit or 16 bit
(unidirectional, bi-directional, single or double buffered)
plus 8 lines as programmable handshake lines or timer I/O
with alternate ground wires.
Technical Information
 Interface according to IndustryPack specification
 Identification-PROM supports auto-configuration
 Single Size IndustryPack
 Up to 48 digital TTL I/O lines
 TTL compatible: 3.3V output high level, 5V tolerant
 Termination: 10k
Ω pull-ups to 3.3V
 Output current max. +/- 2mA (partly +/- 8mA)
 ESD and overvoltage protection for each I/O line
 Operating temperature -40°C to +85°C
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-24
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TIP620-DOC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIP620 TI-TIP620 Datasheet
185Kb / 6P
NPN DARLINGTON-CONNECTED SILICON POWER TRANSISTORS
More results

Similar Description - TIP620-DOC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68230 MOTOROLA-MC68230 Datasheet
2Mb / 74P
PARALLEL INTERFACE/TIMER(PI/T)
logo
Silicon Laboratories
SI21682-D60 SILABS-SI21682-D60 Datasheet
162Kb / 2P
Dual DVB-T2/T/C Digital TV Demodulator
logo
E&E Magnetic Products L...
824-00393F EEMAGNETIC-824-00393F Datasheet
67Kb / 3P
TRANSFORMER, 1000BASE-T(PoE),DUAL, SOIC, 48 PIN
824-00491F EEMAGNETIC-824-00491F Datasheet
38Kb / 3P
TRANSFORMER, 1000BASE-T(PoE Plus),DUAL, SOIC, 48 PIN
824-00498F EEMAGNETIC-824-00498F Datasheet
126Kb / 3P
TRANSFORMER, 1000BASE-T, DUAL,SMD, 48 PIN, EXT. TEMP.
824-00499F EEMAGNETIC-824-00499F Datasheet
127Kb / 3P
TRANSFORMER, 1000BASE-T,DUAL, SMD, 48 PIN, EXT. TEMP
824-00513F EEMAGNETIC-824-00513F Datasheet
126Kb / 3P
TRANSFORMER, 1000BASE-T, DUAL,SOIC, 48 PIN
824-00335R EEMAGNETIC-824-00335R Datasheet
216Kb / 3P
TRANSFORMER, 1000BASE-T, DUAL,SOIC, 48 PIN, EXT. TEMP.
logo
List of Unclassifed Man...
110061127 ETC-110061127 Datasheet
321Kb / 4P
Seeed Studio - Grove Beginner Ki t- Raspberry Pi 4B - 4GB
logo
Skyworks Solutions Inc.
SI21682-D60 SKYWORKS-SI21682-D60 Datasheet
172Kb / 2P
Dual DVB-T2/T/C Digital TV Demodulator
November 17, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com