Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet(PDF) 2 Page - First Components International

Part # TL431
Description  Programmable Precision References
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

TL431 Datasheet(HTML) 2 Page - First Components International

  TL431 Datasheet HTML 1Page - First Components International TL431 Datasheet HTML 2Page - First Components International TL431 Datasheet HTML 3Page - First Components International TL431 Datasheet HTML 4Page - First Components International TL431 Datasheet HTML 5Page - First Components International TL431 Datasheet HTML 6Page - First Components International TL431 Datasheet HTML 7Page - First Components International TL431 Datasheet HTML 8Page - First Components International TL431 Datasheet HTML 9Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TL431 Programmable Precision References
Rating
Symbol
Value
Unit
MAXIMUM RATINGS (Full operating ambient temperature range applies unless otherwise noted.)
Cathode to Anode Voltage
V
KA
37
V
Cathode Current Range, Continuous
I
K
-100 to +150
m A
Reference Input Current Range, Continuous
I
ref
-0.05 to +10
mA
Operating Junction Temperature
T
J
150
oC
Operating Ambient Temperature Range
T
A
oC
TL431I, TL431AI, TL431BI
-40 to +85
TL431C, TL431AC, TL431BC
0 to +70
Storage Temperature Range
T
stg
-65 to +150
oC
Total Power Dissipation @ T
A = 25
oCP
D
W
Derate above T
A = 25
oC Ambient Temperature
T, S Suffix Packages
0.70
D Suffix Package
1.10
Total Power Dissipation @ T
C = 25
oCP
D
W
Derate above T
A = 25
oC Case Temperature
T, S Suffix Packages
1.5
D Suffix Package
3.0
THERMALCHARACTERISTICS
Characteristic
Symbol
T, S Suffix
D Suffix
Unit
Thermal Resistance, Junction to Ambient
Rθ
JA
178
114
oC/W
Thermal Resistance, Junction to Case
Rθ
JC
83
41
oC/W
RECOMMENDEDOPERATINGCONDITIONS
Condition / Value
Symbol
M i n
Max
Unit
Thermal Resistance, Junction to Ambient
VΚ
A
Vref
3 6
V
Thermal Resistance, Junction to Case
I
K
1.0
100
mA
9-2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com