Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFTWSUSB Datasheet(PDF) 1 Page - Timeguard

Part # WFTWSUSB
Description  Wi-Fi 2 Gang Smart Wall Socket With USB Port
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TIMEGUARD [Timeguard]
Direct Link  https://www.timeguard.com/
Logo TIMEGUARD - Timeguard

WFTWSUSB Datasheet(HTML) 1 Page - Timeguard

  WFTWSUSB Datasheet HTML 1Page - Timeguard WFTWSUSB Datasheet HTML 2Page - Timeguard  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Operating Voltage
Frequency
Installation Type
WLAN-Standard
Earth Class Rating
Operating Temperature
Setting Type
Back Box Minimum Depth (mm)
Program Modes
Standby Consumption
Switch Rating
Shortest Switching Time
Permanent ON Facility
WFTWSUSB
Wi-Fi 2 Gang Smart Wall
Socket With USB Port
Features & Benefits
App Available for Android and IOS only
Can be controlled from any mobile device that
supports a Wi-Fi connection or a mobile data
connection Supports multiple devices.
Programs: 24 Hour or 7 Day options.
Manual Override: Yes
Countdown Function: Yes
Google Assistant and Amazon Echo Support
Technical Data
230V AC
50Hz
Flush Mount
802.11 b/g/n 2.4GHz
Class I
-20°C to 60°C
WIFI
30
24 Hour, 7 Day, Permanent ON/OFF or Timed,
Countdown
<0.5W
13A Per Socket, 5V 2.4A (USB)
1 Minute
Yes
Data sheet
WFTWSUSB
Wi-Fi / Wi-Fi Sockets
Subject to technical changes and revisions
additional information at:
https://www.timeguard.com
This data was generated on
13/02/2025


Similar Part No. - WFTWSUSB

ManufacturerPart #DatasheetDescription
logo
Timeguard
WFTRS3GUSB TIMEGUARD-WFTRS3GUSB Datasheet
343Kb / 2P
Wi-Fi 3 Way Power Strip With USB Ports
13/02/2025
More results

Similar Description - WFTWSUSB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HDW-PU3 ETC2-HDW-PU3 Datasheet
455Kb / 2P
Wi-Fi Portable HDD with USB 3.0
logo
Taoglas antenna solutio...
MA950.W.A.LBICG.005.WM TAOGLAS-MA950.W.A.LBICG.005.WM Datasheet
11Mb / 137P
Guardian 5in1 Wall Mount Antenna 2*LTE2*Wi-FiGNSS
MA961.A.BICG.002 TAOGLAS-MA961.A.BICG.002 Datasheet
4Mb / 36P
Guardian 4in1 Adhesive / Wall Mount Antenna LTE*2Wi-Fi*2
MA961.W.A.BICG.002 TAOGLAS-MA961.W.A.BICG.002 Datasheet
4Mb / 35P
Guardian 4in1 Adhesive / Wall Mount Antenna LTE*2Wi-Fi*2
logo
TP-Link Technologies Co...
AC1900 TP-LINK-AC1900 Datasheet
2Mb / 8P
Smart Wi-Fi Router
HS107 TP-LINK-HS107 Datasheet
1Mb / 5P
Kasa Smart Wi-Fi Plug 2-Outlets
logo
Quectel Wireless Soluti...
SC20 QUECTEL-SC20 Datasheet
485Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC600Y QUECTEL-SC600Y Datasheet
529Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC600T QUECTEL-SC600T Datasheet
534Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
SC200R QUECTEL-SC200R Datasheet
600Kb / 2P
Multi-mode Smart LTE Module with Wi-Fi & Bluetooth
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com