Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3002ABL Datasheet(PDF) 1 Page - Littelfuse

Part # P3002ABL
Description  Two-chip SIDACtor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P3002ABL Datasheet(HTML) 1 Page - Littelfuse

  P3002ABL Datasheet HTML 1Page - Littelfuse P3002ABL Datasheet HTML 2Page - Littelfuse P3002ABL Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
R
oHS
Telecom Design Guide • © 2006 Littelfuse
3 - 45
www.littelfuse.com
Two-chip SIDACtor® Device
The two-chip SIDACtor design provides a through-hole technology protection solution. It is
intended for telecom applications that do not require a balanced solution. For primary
protection applications, devices with higher holding current and integrated failsafe options
are available.
SIDACtor devices enable equipment to comply with various regulatory requirements
including GR 1089, ITU K.20, K.21 and K.45, IEC 60950, UL 60950, and TIA-968-A
(formerly known as FCC Part 68).
* “L” in part number indicates RoHS compliance. For non-RoHS compliant device, delete “L” from part number.
For individual “AA”, “AB”, and “AC” surge ratings, see table below.
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
* Current waveform in µs
** Voltage waveform in µs
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
Pins 1-2, 3-2
Pins 1-3
P0602A_L
25
40
50
80
4
5
800
2.2
50
P1402A_L
58
77
116
154
4
5
800
2.2
150
P1602A_L
65
95
130
190
4
5
800
2.2
150
P2202A_L
90
130
180
260
4
5
800
2.2
150
P2702A_L
120
160
240
320
4
5
800
2.2
150
P3002A_L
140
180
280
360
4
5
800
2.2
150
P3602A_L
170
220
340
440
4
5
800
2.2
150
P4202A_L
190
250
380
500
4
5
800
2.2
150
P4802A_L
220
300
440
600
4
5
800
2.2
150
P6002A_L
275
350
550
700
4
5
800
2.2
150
Surge Ratings in Amps
IPP
ITSM
50 / 60 Hz
di/dt
0.2x310 *
0.5x700 **
2x10 *
2x10 **
8x20 *
1.2x50 **
10x160 *
10x160 **
10x560 *
10x560 **
5x320 *
9x720 **
10x360 *
10x360 **
10x1000 *
10x1000 **
5x310 *
10x700 **
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps/µs
A
20
150
150
90
50
75
75
45
75
20
500
B
25
250
250
150
100
100
125
80
100
30
500
C
50
500
400
200
150
200
175
100
200
50
500
1
2
3
(T)
(R)
(G)


Similar Part No. - P3002ABL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P3002ABLXX LITTELFUSE-P3002ABLXX Datasheet
145Kb / 5P
The SIDACtor짰 Series Modified TO-220 are designed to protect baseband
logo
TE Connectivity Ltd
P3002ABLXX TEC-P3002ABLXX Datasheet
145Kb / 5P
Baseband Protection (Voice-DS1)
February 22, 2011
More results

Similar Description - P3002ABL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P0302AAMC LITTELFUSE-P0302AAMC Datasheet
123Kb / 2P
Two-chip MicroCapacitance (MC) SIDACtor Device
P1553A_L LITTELFUSE-P1553A_L Datasheet
103Kb / 3P
Balanced Three-chip SIDACtor
P1553U_L LITTELFUSE-P1553U_L Datasheet
170Kb / 3P
Balanced Three-chip SIDACtor
P2000AA61L LITTELFUSE-P2000AA61L Datasheet
142Kb / 2P
SIDACtor
P1400ADL LITTELFUSE-P1400ADL Datasheet
144Kb / 2P
High Surge Current Two-pin SIDACtor
logo
Rectron Semiconductor
PR058A RECTRON-PR058A Datasheet
172Kb / 3P
SIDACTOR
RL058A RECTRON-RL058A Datasheet
179Kb / 3P
SIDACTOR
RLA058A RECTRON-RLA058A Datasheet
266Kb / 4P
SIDACTOR
SMA3100A RECTRON-SMA3100A Datasheet
332Kb / 4P
SIDACTOR
SMB2300C RECTRON-SMB2300C Datasheet
338Kb / 4P
SIDACTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com