Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P4802ABL Datasheet(PDF) 2 Page - Littelfuse

Part # P4802ABL
Description  Two-chip SIDACtor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P4802ABL Datasheet(HTML) 2 Page - Littelfuse

  P4802ABL Datasheet HTML 1Page - Littelfuse P4802ABL Datasheet HTML 2Page - Littelfuse P4802ABL Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.littelfuse.com
3 - 46
© 2006 Littelfuse • Telecom Design Guide
Two-chip SIDACtor® Device
Note: Off-state capacitance (CO) is measured at 1 MHz with a 2 V bias.
Thermal Considerations
Package
Symbol
Parameter
Value
Unit
Modified
TO-220
TJ
Operating Junction Temperature Range
-40 to +150
°C
TS
Storage Temperature Range
-65 to +150
°C
RθJA
Thermal Resistance: Junction to Ambient
50
°C/W
Capacitance Values
Part Number
pF
Pin 1-2 / 3-2
Tip-Ground, Ring-Ground
pF
Pin 1-3
Tip-Ring
MIN
MAX
MIN
MAX
P0602AAL
15
145
10
90
P0602ABL
15
250
10
145
P0602ACL
25
250
10
145
P1402AAL
40
60
20
35
P1402ABL
40
155
20
90
P1402ACL
55
155
30
90
P1602AAL
35
60
20
35
P1602ABL
35
145
20
85
P1602ACL
45
145
25
85
P2202AAL
30
50
15
30
P2202ABL
30
115
15
65
P2202ACL
45
115
25
65
P2702AAL
25
45
15
25
P2702ABL
25
105
15
60
P2702ACL
40
105
20
60
P3002AAL
25
40
15
25
P3002ABL
25
95
15
55
P3002ACL
35
95
20
55
P3602AAL
25
35
10
20
P3602ABL
25
90
10
50
P3602ACL
35
90
15
50
P4202AAL
25
35
10
20
P4202ABL
25
85
10
50
P4202ACL
30
85
15
50
P4802AAL
20
35
10
20
P4802ABL
20
85
10
50
P4802ACL
30
85
15
50
P6002AAL
20
35
10
20
P6002ABL
20
80
10
45
P6002ACL
30
80
15
45
PIN 1
PIN 2
PIN 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com