Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP710-SW-42 Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TIP710-SW-42
Description  16 Digital Outputs, High Side Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TIP710-SW-42 Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TIP710-SW-42 Datasheet HTML 1Page - TEWS Technologies GmbH TIP710-SW-42 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.2
2021-05-17
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
Order Information
RoHS Compliant
TIP710-10R
16 Digital Outputs, isolated, High Side, 6V-48V 1.0A
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TIP710-DOC
User Manual
Software
TIP710-SW-42
VxWorks Software Support (Legacy and VxBus-Enabled Software Support)
TIP710-SW-65
Windows Software Support
TIP710-SW-82
Linux Software Support
TIP710-SW-95
QNX Software Support
For other operating systems please contact TEWS.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com