Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP810-DOC Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TIP810-DOC
Description  CAN Bus IP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TIP810-DOC Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TIP810-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TIP810-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The Embedded I/O Company
Technical Information
 Interface according to IndustryPack specification
 Identification-PROM supports auto-configuration
 Single Size IndustryPack
 CAN bus interface based on Philips SJA1000
controller
 Physical interface: CAN High Speed (according to
ISO 11 898) and modified RS485
 Physical interface optically isolated from CAN
controller
 On board DC/DC converter
 Maximum transfer rate 1 Mbit/s (bus length up to
40 m)
Order Information
RoHS Compliant
TIP810-10R
1 x solated CAN Bus based on Philips SJA1000, ISO11898 CAN High Speed or RS485
For the availability of non-RoHS compliant (leaded solder) products please contact TEWS.
Documentation
TIP810-DOC
User Manual
Software
TIP810-SW-42
VxWorks Software Support (Legacy and VxBus-Enabled Software Support)
TIP810-SW-65
Windows Software Support
TIP810-SW-82
Linux Software Support
TIP810-SW-95
QNX Software Support
For other operating systems please contact TEWS.
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 3.0.1
2017-08-24
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com