Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP710-SW-95 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TIP710-SW-95
Description  16 Digital Outputs, High Side Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TIP710-SW-95 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TIP710-SW-95 Datasheet HTML 1Page - TEWS Technologies GmbH TIP710-SW-95 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.2
2021-05-17
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
TIP710
16 Digital Outputs, High Side Switch
Application Information
The TIP710 is an IndustryPack® compatible module
providing 16 digital outputs configured as high side switch
with galvanic isolation via optocouplers.
The TIP710 directly controls up to 16 lines of all kinds of
resistive, capacitive and inductive loads.
The outputs are capable of driving 1A continuous per
channel at an external supply voltage of 6V to 48V.
All outputs resist short-circuits and are protected against
thermal overload.
After power-on or reset all channels are in the off state. A
hardware watchdog clears all outputs in case of trigger
failure.
Software Support (TIP710-SW-xx) is available for different
operating systems.
Technical Information
 Interface according to IndustryPack specification
 Identification-PROM supports auto-configuration
 Single Size IndustryPack
 16 digital outputs, high side switches
 Output signal voltage 6V to 48V, common to all
outputs, externally supplied
 Output current: 1A continuous per channel
 Optocouplers for galvanic isolation of outputs to
computer system
 Outputs are short-circuit protected
 Outputs protected against thermal overload
 Watchdog timer resets all channels in case of
triggering failure
 Operating temperature range
–40°C to +85°C


Similar Part No. - TIP710-SW-95

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIP700 ETC1-TIP700 Datasheet
83Kb / 1P
16 (8) Digital Outputs, high and low side switches
logo
TEWS Technologies GmbH
TIP700 TEWS-TIP700 Datasheet
169Kb / 2P
16 (8) Digital Outputs, high and low side switches
Application Information
logo
List of Unclassifed Man...
TIP700-10 ETC1-TIP700-10 Datasheet
83Kb / 1P
16 (8) Digital Outputs, high and low side switches
logo
TEWS Technologies GmbH
TIP700-10R TEWS-TIP700-10R Datasheet
169Kb / 2P
16 (8) Digital Outputs, high and low side switches
Application Information
logo
List of Unclassifed Man...
TIP700-20 ETC1-TIP700-20 Datasheet
83Kb / 1P
16 (8) Digital Outputs, high and low side switches
More results

Similar Description - TIP710-SW-95

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6512F ROHM-BD6512F Datasheet
215Kb / 6P
High-Side Switch
BD6513F ROHM-BD6513F Datasheet
211Kb / 6P
High-Side Switch
BD6516F ROHM-BD6516F Datasheet
209Kb / 6P
High Side Switch
logo
Sanyo Semicon Device
4AM02MH5 SANYO-4AM02MH5 Datasheet
36Kb / 4P
High-side Switch
logo
List of Unclassifed Man...
TIP700 ETC1-TIP700 Datasheet
83Kb / 1P
16 (8) Digital Outputs, high and low side switches
logo
Rohm
BD6519FJ ROHM-BD6519FJ Datasheet
305Kb / 6P
High Side Switch
logo
Freescale Semiconductor...
16XSD200 FREESCALE-16XSD200 Datasheet
1Mb / 60P
Dual 16 mOhm High Side Switch
MC16XSD200 FREESCALE-MC16XSD200 Datasheet
8Mb / 2P
Dual 16 mOhm High-Side Switch
logo
Linear Technology
LT1089 LINER-LT1089_15 Datasheet
134Kb / 8P
High Side Switch
logo
PHOENIX CONTACT
2861292 PHOENIX-2861292 Datasheet
349Kb / 11P
Inline Terminal With 16 Digital Outputs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com